Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230ASF22R0JB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT230ASF22R0JB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230ASF22R0JB Datasheet(HTML) 1 Page - Vishay Siliconix

  RT230ASF22R0JB Datasheet HTML 1Page - Vishay Siliconix RT230ASF22R0JB Datasheet HTML 2Page - Vishay Siliconix RT230ASF22R0JB Datasheet HTML 3Page - Vishay Siliconix RT230ASF22R0JB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RT100
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
1
Document Number: 50028
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Rheostat / Potentiometer
FEATURES
• 100 W at 25 °C
• CCTU 05-03B (PA5)
• Vitreous style
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) On request: sectorial winding
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
TOLERANCE
± %
RATED POWER
P25 °C
W
VARIATION LAW
STANDARD (1)
LIMITING
ELEMENT VOLTAGE
V
DIELECTRIC
STRENGTH
VRMS
INSULATION
RESISTANCE
RT100
1 to 15K
10
100
Linear
850
1500
103M (500 VCC)
RT100-P A5
A
Screw M4
54.5
60°
60
50
6
- 0
- 0. 05
Ø 10
18
25 ± 2 AS
Mounting side
56
85 ± 3
Ø 6
PANEL CUT OUT DETAILS
Ø 10.5
2 holes Ø 5
47
Ø 4.5
Ø 10.5
12.5 ± 0.5
CLIMATIC SPECIFICATIONS
Temperature range
-55 °C; +320 °C
Climatic category
CCTU 454
CEI 55 / 200 / 56
MECHANICAL SPECIFICATIONS
Mechanical protection
Vitreous
Mechanical travel
300° ± 5°
Operating torque
4 Ncm to 20 Ncm
End stop torque
100 Ncm
Unit weight
400 g


Similar Part No. - RT230ASF22R0JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT230AS0R01JB VISHAY-RT230AS0R01JB Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230AS0R01KB VISHAY-RT230AS0R01KB Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230AS2002JB VISHAY-RT230AS2002JB Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230AS2002KB VISHAY-RT230AS2002KB Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230AS22R0JB VISHAY-RT230AS22R0JB Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT230ASF22R0JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com