Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230AD2002KB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT230AD2002KB
Description  Wirewound Rheostat / Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT230AD2002KB Datasheet(HTML) 2 Page - Vishay Siliconix

  RT230AD2002KB Datasheet HTML 1Page - Vishay Siliconix RT230AD2002KB Datasheet HTML 2Page - Vishay Siliconix RT230AD2002KB Datasheet HTML 3Page - Vishay Siliconix RT230AD2002KB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT100
www.vishay.com
Vishay Sfernice
Revision: 24-Aug-16
2
Document Number: 50028
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOCKING DEVICE
Supplied as an option the spindle locking device can only be
fitted to units with control mounting and locating peg.
The part A is removed (see drawing).
The available spindle length is according to the panel
thickness.
Order reference: DBA6
Note
• For any special requirement on request: spindle flats, etc. Please
supply detailed drawing.
MARKING
Vishay Sfernice trademark, series, style, ohmic value (in
 or k), tolerance (in %), maximum current in A, manufacturing date.
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE mm
SCREW DRIVER
SLOT
CODE
6
22
Without
AD
With
ADF
25
With
ASF
Without
AL
50
Without
AS
PANEL CUT OUT DETAILS
Ø 4.5
Ø 10.5
12.5 ± 0.5
1 ± 0.2
2 tightening screws
Spanner n¡ 14
Max. panel
Thickness 6.5
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
110
10
1.5
12.2
8.16
2.2
14.8
6.74
3.3
18.2
5.50
4.7
21.7
4.61
6.8
26.1
3.84
10
31.6
3.16
15
38.7
2.58
22
46.9
2.13
33
57.4
1.74
47
68.6
1.46
68
82.5
1.2
100
100
1
150
122
0.816
220
148
0.674
330
182
0.550
470
217
0.461
680
261
0.384
1K
316
0.316
1.5K
387
0.258
2.2K
469
0.213
3.3K
574
0.174
4.7K
686
0.146
6.8K
825
0.121
10K
850
0.085
15K
850
0.057
COMMAND KNOB 41JF (OPTION)
18
21
Ø 6
Ø 56
DIAL CG78 (OPTION)
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
78
65
2 holes Ø 4.5
78
65
47



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com