Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCSC Datasheet(PDF) 4 Page - Central Technologies

Part # CTCSC
Description  Metal Alloy Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSC Datasheet(HTML) 4 Page - Central Technologies

  CTCSC Datasheet HTML 1Page - Central Technologies CTCSC Datasheet HTML 2Page - Central Technologies CTCSC Datasheet HTML 3Page - Central Technologies CTCSC Datasheet HTML 4Page - Central Technologies CTCSC Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.14.17
www.ctparts.com
ELECTRICAL CHARACTERISTICS
Type
Rating
Power
(W) Max.
Rating
Current
(A) Max.
Overload
Current
(A) Max.
T.C.R
(ppm/°C)
Resistance Range (mΩ)
Operating
Temperature
Range
Tolerance (±%)
0.5%
1%,±2%±5%
CTCSC1206
0.5
40.82
81.64
0.3mΩ:≤±450
0.5~0.9mΩ:≤±175
1~15mΩ:≤±75
15.1~50mΩ:≤±50
7~50
0.3~50
-55~170°C
1
57.74
115.47
0.3mΩ:≤±450
0.5~0.9mΩ:≤±175
1~15mΩ:≤±75
15.1~50mΩ:≤±50
7~50
0.3~50
1.5
70.71
141.42
0.3mΩ:≤±450
0.5~0.9mΩ:≤±175
1~15mΩ:≤±75
1mΩ:≤±75
-
0.3~1
CTCSC2010
1
44.72
89.44
0.5~0.9mΩ:≤±100
1~1.9mΩ:≤±75
2~6.9mΩ:≤±50
7~100mΩ:≤±25
7~49
0.5~100
CTCSC2512
1
57.74
129.1
0.3mΩ:≤±150
0.5~1mΩ:≤±75
1.1~3mΩ:≤±50
3.1~100mΩ:≤±25
7~50
0.3~100
1.5
70.71
158.11
2
81.65
182.57
0.3mΩ:≤±150
0.5~1mΩ:≤±75
1.1~3mΩ:≤±50
3.1~75mΩ:≤±25
7~50
0.3~75
3
100
173.21
0.3mΩ:≤±150
0.5~1mΩ:≤±75
1.1~2.5mΩ:≤±50
2.6~10mΩ:≤±25
7~10
0.3~10
CTCSC2725
4
126.49
252.95
0.2mΩ:≤±100
0.25~3mΩ:≤±50
-
0.20~3
CTCSC2728
3
27.39
47.43
4~100mΩ:≤±25
4~19
4~100
3.5
29.58
51.23
4~100mΩ:≤±25
4~19
4~100
4
31.62
63.25
4~50mΩ:≤±25
4~19
4~50
CTCSC452S
(Without Heat Sink)
3
77.5
134
0.5~1mΩ:≤±75
1.1~20mΩ:≤±50
7~20
0.5~20
CTCSC4527
5
100
173
0.5~1mΩ:≤±75
1.1~200mΩ:≤±50
7~120
0.5~200
Metal Alloy Current Sensors
Note: When ordering, please specify tolerance code. Tolerance: F= ±1%, G=±2%, J= ±5%, D=0.5%
PowerDeratingCurve:OperatingTemperatureRange:-55~+170°C
Forresistorsoperatedinambienttemperatures70°C,powerratingshallbederatedinaccordancewiththecurvebelow:
RatingCurrent:TheresistorshallhaveaDCcontinuousworkingcurrentoraRMS(RootMeanSquare)ACcontinuousworkingcurrent
atcommercial-linefrequencyandwaveformcorrespondingtothepowerrating,asdeterminedfromthefollowing:.
Remark:I:RatingCurrent.(A),P:RatingPower.(W),R:Resistance.(Ω)
Pleasebesuretorequestapprovalspecificationsthatprovidefurtherdetailsoftheproducts.Kindlynotethatthecontentofthese
specificationsaresubjecttochangeormaybediscontinuedwithoutadvancenotice.Pleasecontactoursalesdepartmentbefore
ordering.
I =
P/ R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com