Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTF2012SF Datasheet(PDF) 1 Page - Central Technologies

Part # CTF2012SF
Description  Common Mode Choke Coils - Radial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTF2012SF Datasheet(HTML) 1 Page - Central Technologies

  CTF2012SF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Choke Coils - Radial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2011 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
07.05.11
Inductance
Inductance
DCR
Rated
Part
Min.
Difference*
Max.
Current
Ød
Number
(mH)
(µH Max.)
(
Ω
Ω)
(Aac)
(mm)
CTF2012SF-452M2R0
4.5
100
0.15
2.0
0.55
CTF2012SF-452M3R3
4.5
150
0.09
3.3
0.65
CTF2012SF-202M3R0
2.0
75
0.10
3.0
0.65
CTF2012SF-202M5R0
2.0
50
0.045
5.0
0.75
CTF2012SF-102M5R0
1.0
50
0.05
5.0
0.8
CTF2012SF-601M8R0
0.6
50
0.015
8.0
1.1
CTF2012SF-401M10R
0.4
50
0.01
10
1.1
CTF2012SF Series
From 0.4 mH to 4.5 mH
Not shown at actual size.
CHARACTERISTICS
Description: Common mode choke coils for power supply line.
Applications: Prevents noise emission, protects AC side from the
affects of switching regulators, provides noise elimination and
immunity for TV’s, audio equipment, etc.
Operating Temperature: -25°C to +85°C including self
temperature rise
Insulation Resistance: 100 Mohm minimum between each
winding for 1 minute
Dielectric Withstanding Voltage: 2000 Vac between each
winding for 1 minute
Packaging: Bulk Pack
Marking: None
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request. Different inductance and
current products are available as well.
Samples available. See website for ordering information.
ød
31.5(1.240)Max.
10±1
(0.394±0.039)
Dimensions in mm (inches)
L1
L2
1
1
2
2
3
3
4
4
PHYSICAL DIMENSIONS
SPECIFICATIONS
* Indicates the inductance difference between the coil L1 and L2.
RoHS
Compliant


Similar Part No. - CTF2012SF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTF2012S CT-CTF2012S Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
CTF2012S-102M5R0 CT-CTF2012S-102M5R0 Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
CTF2012S-202M3R0 CT-CTF2012S-202M3R0 Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
CTF2012S-202M5R0 CT-CTF2012S-202M5R0 Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
CTF2012S-401M10R CT-CTF2012S-401M10R Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
More results

Similar Description - CTF2012SF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
Central Technologies
CTF2012S CT-CTF2012S Datasheet
159Kb / 1P
Common Mode Choke Coils - Radial
logo
Taiyo Yuden (U.S.A.), I...
MCF08062G120-T TAIYO-YUDEN-MCF08062G120-T Datasheet
141Kb / 1P
Multilayer Common Mode Choke Coils
MCF08062G900-T TAIYO-YUDEN-MCF08062G900-T Datasheet
141Kb / 1P
Multilayer Common Mode Choke Coils
MCF12102G900-T TAIYO-YUDEN-MCF12102G900-T Datasheet
141Kb / 1P
Multilayer Common Mode Choke Coils
MCF12102H900-T TAIYO-YUDEN-MCF12102H900-T Datasheet
141Kb / 1P
Multilayer Common Mode Choke Coils
logo
Sumida Corporation
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
logo
Taiyo Yuden (U.S.A.), I...
MCF20104H900-T TAIYO-YUDEN-MCF20104H900-T Datasheet
259Kb / 2P
Multilayer Common Mode Choke Coils
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
AC Common Mode Choke Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com