Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMLP080502F-R47 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMLP080502F-R47
Description  Multi-layer Power Chip Inductors - Ferrite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMLP080502F-R47 Datasheet(HTML) 1 Page - Central Technologies

  CTMLP080502F-R47 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.01.15
Multi-layer Power Chip Inductors - Ferrite www.ctparts.com
CTMLP080502F
Series
From 0.47µH to 4.7µH
SPECIFICATIONS
DCR
Isat
Irms
Part
Inductance
Test
±30%
Max.
Max.
Number
(µH)
Frequency
(
W)
(mA)
(mA)
CTMLP080502F-R47_
0.47
3.0MHz, 200mV
0.11
900
1200
CTMLP080502F-1R0_
1.0
3.0MHz, 200mV
0.16
300
900
CTMLP080502F-1R5_
1.5
3.0MHz, 200mV
0.18
250
800
CTMLP080502F-2R2_
2.2
3.0MHz, 200mV
0.29
200
600
CTMLP080502F-4R7_
4.7
3.0MHz, 200mV
0.50
100
700
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Multi-layer Power Chip Inductor. Magnetically
shielded.
Applications: Cellular phones, Power modules, DC/DC
converters, Digital cameras, DVD, Portalble devices, etc.
Operating Temperature: -55°C to 125°C (including self - temp.
rise).
Isat: Inductance drop 30% from its value with current.
Irms: 40°C temperature rise from 25°C ambient with current.
Inductance Tolerance: ±20% (M), ±30% (N)
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
D
C
Ferrite
D
Terminal
Electrode
2.3~2.9
1.0~1.4
0.8~1.2
A
B
C
D
Max.
2.0 ± 0.20
1.25 ± 0.20
0.55
0.5 ± 0.3
0.079 ± 0.008
0.049 ± 0.008
0.022
0.020 ± 0.012
Size
mm
inches
Unit: mm
Please specify tolerance code when ordering.
CTMLP080502F-R47_
M = ±20%, N = ±30%


Similar Part No. - CTMLP080502F-R47

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMLP080504AF CT-CTMLP080504AF Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504AF-1R0 CT-CTMLP080504AF-1R0 Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504AF-1R5 CT-CTMLP080504AF-1R5 Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504AF-2R2 CT-CTMLP080504AF-2R2 Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504AF-3R3 CT-CTMLP080504AF-3R3 Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
More results

Similar Description - CTMLP080502F-R47

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMLP060302F CT-CTMLP060302F Datasheet
347Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP060303F CT-CTMLP060303F Datasheet
347Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504AF CT-CTMLP080504AF Datasheet
396Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504BF CT-CTMLP080504BF Datasheet
349Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080504CF CT-CTMLP080504CF Datasheet
348Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080604AF CT-CTMLP080604AF Datasheet
348Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP080604BF CT-CTMLP080604BF Datasheet
349Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP100804AF CT-CTMLP100804AF Datasheet
368Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP100804BF CT-CTMLP100804BF Datasheet
369Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
CTMLP100804CF CT-CTMLP100804CF Datasheet
368Kb / 1P
Multi-layer Power Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com