Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12F675 Datasheet(PDF) 56 Page - Microchip Technology

Part # RFPIC12F675
Description  20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12F675 Datasheet(HTML) 56 Page - Microchip Technology

Back Button RFPIC12F675 Datasheet HTML 52Page - Microchip Technology RFPIC12F675 Datasheet HTML 53Page - Microchip Technology RFPIC12F675 Datasheet HTML 54Page - Microchip Technology RFPIC12F675 Datasheet HTML 55Page - Microchip Technology RFPIC12F675 Datasheet HTML 56Page - Microchip Technology RFPIC12F675 Datasheet HTML 57Page - Microchip Technology RFPIC12F675 Datasheet HTML 58Page - Microchip Technology RFPIC12F675 Datasheet HTML 59Page - Microchip Technology RFPIC12F675 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
rfPIC12F675
DS70091A-page 54
Preliminary
 2003 Microchip Technology Inc.
9.9
Digital Control Signals
The mode control logic pin RFEN controls the
operation of the transmitter. When RFEN goes high,
the crystal oscillator starts up. The voltage on the LF
pin ramps up proportionally to the RF frequency. The
PLL can lock onto the frequency faster than the start-
ing up crystal can stabilize. When the LF pin reaches
0.8V, the RF frequency is close to locked on the crys-
tal frequency. This initiates a 150 microsecond delay
to ensure that the PLL settles. After the delay, the PS
bias current and power amplifier are enabled to start
transmitting when DATA
ASK goes high.
When RFEN is low, the transmitter goes into a very
low power Standby mode. The power amplifier is
disabled and the crystal oscillator stops. The RFEN
pin has an internal pull-down resistor.
9.10
Low Voltage Output Disable
The rfPIC12F675 transmitter has a built in low voltage
disable centered at about 1.85V. If the supply voltage
drops below this voltage the power amplifier is
disabled to prevent uncontrolled transmissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com