Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB202X Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB202X
Description  SD2??USB and Mass Storage Peripheral Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB202X Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB202X Datasheet HTML 17Page - Cypress Semiconductor CYUSB202X Datasheet HTML 18Page - Cypress Semiconductor CYUSB202X Datasheet HTML 19Page - Cypress Semiconductor CYUSB202X Datasheet HTML 20Page - Cypress Semiconductor CYUSB202X Datasheet HTML 21Page - Cypress Semiconductor CYUSB202X Datasheet HTML 22Page - Cypress Semiconductor CYUSB202X Datasheet HTML 23Page - Cypress Semiconductor CYUSB202X Datasheet HTML 24Page - Cypress Semiconductor CYUSB202X Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
CYUSB202X
Document Number: 001-87710 Rev. *C
Page 21 of 27
IIX
Input leakage current for all pins except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os that have a
pull-up/down resistor
connected, the leakage current
increases by VDDQ/Rpu or
VDDQ/RPD
IOZ
Output High-Z leakage current for all pins
except SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and Analog Voltage Operating
Current
–
150
mA
Total current through AVDD,
VDD
ICC USB
USB voltage supply operating current
–
20
mA
ISB1
Total suspend current during Suspend
Mode with USB 3.0 PHY enabled (L1
mode)
–
–
mA
Core current: 1.5 mA
I/O current: 20 uA
USB current: 2 mA
For typical PVT (Typical
silicon, all power supplies at
their respective nominal levels
at 25
C.)
ISB2
Total suspend current during Suspend
Mode with USB 3.0 PHYdisabled (L2
mode)
–
–
mA
Core current: 250 uA
I/O current: 20 uA
USB current: 1.2 mA
For typical PVT (Typical
silicon, all power supplies at
their respective nominal levels
at 25
C.)
ISB3
Total Standby Current during Standby
Mode (L3 mode)
–
–
µA
Core current: 60 uA
I/O current: 20 uA
USB current: 40 uA
For typical PVT (Typical
silicon, all power supplies at
their respective nominal levels
at 25
C.)
ISB4
Total Standby Current during Core Power
Down Mode (L4 mode)
–
–
µA
Core current: 0 uA
I/O current: 20 uA
USB current: 40 uA
For typical PVT (Typical
silicon, all power supplies at
their respective nominal levels
at 25
C.)
VRAMP
Voltage Ramp Rate on Core and I/O
Supplies
0.2
50
V/ms
Voltage ramp must be
monotonic
VN
Noise Level Permitted on VDD and I/O
Supplies
–
100
mV
Max p-p noise level permitted
on all supplies except AVDD
VN_AVDD
Noise Level Permitted on AVDD Supply
–
20
mV
Max p-p noise level permitted
on AVDD
Table 12. DC Specifications (continued)
Parameter
Description
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com