Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AAA0N Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9AAA0N
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9AAA0N Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9AAA0N Datasheet HTML 1Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 2Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 3Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 4Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 5Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 6Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 7Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 8Page - Cypress Semiconductor MB9AAA0N Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
Document Number: 002-05673 Rev.*C
Page 2 of 108
MB9AAA0N Series
D/A Converter (Max 2 channels)
R-2R type
10-bit resolution
Base Timer (Max 8 channels)
Operation mode is selectable from the followings for each
channel.
16-bit PWM timer
16-bit PPG timer
16-/32-bit reload timer
16-/32-bit PWC timer
General-Purpose I/O Port
This series can use its pins as general-purpose I/O ports when
they are not used for peripherals. Moreover, the port relocate
function is built in. It can set which I/O port the peripheral
function can be allocated to.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 84 high-speed general-purpose I/O Ports@100 pin
Package
Some ports are 5V tolerant I/O
See List of Pin Functions and I/O Circuit Type to confirm the
corresponding pins.
Multi-function Timer
The Multi-function timer is composed of the following blocks.
16-bit free-run timer × 3ch.
Input capture × 4ch.
Output compare × 6ch.
A/D activation compare × 1ch.
Waveform generator × 3ch.
16-bit PPG timer × 3ch.
IGBT mode is contained.
The following function can be used to achieve the motor
control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (Motor emergency stop) interrupt function
HDMI-CEC/Remote Control Receiver (Up to 2
channels)
HDMI- CEC receiver / Remote control receiver
Operating modes supporting the following standards can
be selected
• SIRCS
• NEC/Association for Electric Home Appliances
• HDMI-CEC
Capable of adjusting detection timings for start bit and data
bit
Equipped with noise filter
HDMI-CEC transmitter
Header block automatic transmission by judging Signal
free
Generating status interrupt by detecting Arbitration lost
Generating START, EOM, ACK automatically to output
CEC transmission by setting 1 byte data
Generating transmission status interrupt when transmitting
1 block (1 byte data and EOM/ACK)
Real-time clock (RTC)
The Real-time clock can count
Year/Month/Day/Hour/Minute/Second/A day of the week from
00 to 99.
The interrupt function with specifying date and time
(Year/Month/Day/Hour/Minute) is available. This function is
also available by specifying only Year, Month, Day, Hour or
Minute.
Timer interrupt function after set time or each set time.
Capable of rewriting the time with continuing the time count.
Leap year automatic count is available.
External Interrupt Controller Unit
Up to 16 external interrupt input pins
Include one non-maskable interrupt (NMI) input pin
Watchdog Timer (2 channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs, a Hardware
watchdog and a Software watchdog.
The Hardware watchdog timer is clocked by the built-in
Low-speed CR oscillator. Therefore, the Hardware watchdog is
active in any low-power consumption mode except RTC, Stop,
Deep Standby RTC and Deep Standby Stop modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com