Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B110R Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B110R
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110R Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B110R Datasheet HTML 35Page - Cypress Semiconductor MB9B110R Datasheet HTML 36Page - Cypress Semiconductor MB9B110R Datasheet HTML 37Page - Cypress Semiconductor MB9B110R Datasheet HTML 38Page - Cypress Semiconductor MB9B110R Datasheet HTML 39Page - Cypress Semiconductor MB9B110R Datasheet HTML 40Page - Cypress Semiconductor MB9B110R Datasheet HTML 41Page - Cypress Semiconductor MB9B110R Datasheet HTML 42Page - Cypress Semiconductor MB9B110R Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
Document Number: 002-05622 Rev. *D
Page
39 of 117
MB9B110R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Multi-
function
Timer
0
DTTI0X_0
Input signal controlling wave form generator
outputs RTO00 to RTO05 of Multi-function
timer 0.
18
F4
23
96
DTTI0X_1
69
E9
79
47
FRCK0_0
16-bit free-run timer ch.0 external clock input
pin
13
F1
18
91
FRCK0_1
70
D11
80
48
FRCK0_2
53
J10
63
31
IC00_0
16-bit input capture ch.0 input pin of
Multi-function timer 0.
ICxx describes channel number.
17
G2
22
95
IC00_1
65
F9
75
43
IC00_2
54
J8
64
32
IC01_0
16
G1
21
94
IC01_1
66
E11
76
44
IC01_2
55
H10
65
33
IC02_0
15
F3
20
93
IC02_1
67
E10
77
45
IC02_2
56
H9
66
34
IC03_0
14
F2
19
92
IC03_1
68
F8
78
46
IC03_2
57
H7
67
35
RTO00_0
(PPG00_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
19
G3
24
97
RTO00_1
(PPG00_1)
-
-
86
-
RTO01_0
(PPG00_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
20
H1
25
98
RTO01_1
(PPG00_1)
-
-
85
-
RTO02_0
(PPG02_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
21
H2
26
99
RTO02_1
(PPG02_1)
-
-
84
-
RTO03_0
(PPG02_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
22
G4
27
100
RTO03_1
(PPG02_1)
-
-
83
-
RTO04_0
(PPG04_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
23
H3
28
1
RTO04_1
(PPG04_1)
-
-
82
-
RTO05_0
(PPG04_0)
Wave form generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
24
J2
29
2
RTO05_1
(PPG04_1)
-
-
81
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com