Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES3JB
Description  Super-Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES3JB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES3JB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited ES3JB Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Super-Fast Rectifiers
ES3HB--ES3JB
SMB106AA
www.gmesemi.com
Rev.B
Production specification
Features
For surface mounted applications
Ideal for automated placement
Low forward voltage drop
High surge current capability
RoHS Compliant
Mechanical Data
Case: SMB molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES3HB
ES3JB
Units
Peak repetitive reverse voltage
VRRM
500
600
V
RMS reverse voltage
VRMS
350
420
V
DC blocking voltage
VDC
500
600
V
Maximum average forward output current
IF(AV)
3.0
A
Peak forward surge current,
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
ES3HB
ES3JB
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
60
°C /W
23
25
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - ES3JB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3JB GOOD-ARK-ES3JB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Shenzhen Taychipst Elec...
ES3JB TAYCHIPST-ES3JB Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
ES3JB YENYO-ES3JB Datasheet
673Kb / 2P
Surface Mount Efficient Fast Recovery Rectifier
More results

Similar Description - ES3JB

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com