Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC857CWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AC857CWQ
Description  45V PNP SMALL SIGNAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AC857CWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  AC857CWQ Datasheet HTML 1Page - Diodes Incorporated AC857CWQ Datasheet HTML 2Page - Diodes Incorporated AC857CWQ Datasheet HTML 3Page - Diodes Incorporated AC857CWQ Datasheet HTML 4Page - Diodes Incorporated AC857CWQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC857CWQ
Document Number: DS39667 Rev. 1 - 2
2 of 5
www.diodes.com
September 2017
© Diodes Incorporated
AC857CWQ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Continuous Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
200
mW
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
625
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
-
-
V
IC = -100nA
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
-45
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
-
-
V
IE = -100nA
DC Current Gain (Note 7)
hFE
420
520
800
-
VCE = -5.0V, IC = -2.0mA
Collector Cutoff Current
ICBO
-
-
-15
nA
VCB = -30V
-4
µA
VCB = -30V, TA = +150°C
Collector-Emitter Saturation Voltage (Note 7)
VCE(sat)
-
-75
-300
mV
IC = -10mA, IB = -0.5mA
-250
-650
IC = -100mA, IB = -5.0mA
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-600
-650
-750
mV
IC = -2mA, VCE = -5V
-
-
-820
IC = -10mA, VCE = -5V
Base-Emitter Saturation Voltage (Note 7)
VBE(sat)
-
-700
-
mV
IC = -10mA, IB = -0.5mA
-850
-950
IC = -100mA, IB = -5mA
Output Capacitance
Cobo
-
3
4.5
pF
VCB = -10V, f = 1.0MHz
Transition Frequency
fT
100
200
-
MHz
VCE = -5V, IC = -10mA,
f = 100MHz
Noise Figure
NF
-
-
10
dB
VCE = -5V, IC = -200µA
RS = 2kΩ, f = 1kHz
∆f = 200Hz
Notes:
6. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
7
. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com