Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846ASQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC846ASQ
Description  65V DUAL NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846ASQ Datasheet(HTML) 1 Page - Diodes Incorporated

  BC846ASQ Datasheet HTML 1Page - Diodes Incorporated BC846ASQ Datasheet HTML 2Page - Diodes Incorporated BC846ASQ Datasheet HTML 3Page - Diodes Incorporated BC846ASQ Datasheet HTML 4Page - Diodes Incorporated BC846ASQ Datasheet HTML 5Page - Diodes Incorporated BC846ASQ Datasheet HTML 6Page - Diodes Incorporated BC846ASQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC846ASQ
Document number: DS39270 Rev. 2 - 2
1 of 7
www.diodes.com
October 2017
© Diodes Incorporated
BC846ASQ
65V DUAL NPN SMALL SIGNAL TRANSISTOR
Description
This Bipolar Junction Transistor (BJT) is designed to meet the
stringent requirements of Automotive Applications.
Features
BVCEO > 65V
IC = 100mA High Collector Current
Complementary PNP Types Available (BC856ASQ)
Ideally Suited for Automatic Insertion
For Switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Finish. Solderable per MIL-STD-
202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Notes 4 and 5)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
BC846ASQ-7-F
Automotive
KNS
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to https://www.diodes.com/quality/product-compliance-definitions/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
Code
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
Device Symbol
Top View
SOT363
Top View
Pin-Out
SOT363
KNS = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
SOT363
KNS YM


Similar Part No. - BC846ASQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846AS DIODES-BC846AS Datasheet
208Kb / 3P
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30833 Rev. 7 - 2
logo
Pan Jit International I...
BC846AS PANJIT-BC846AS Datasheet
263Kb / 4P
NPN GENERAL PURPOSE TRANSISTORS
logo
SeCoS Halbleitertechnol...
BC846AS SECOS-BC846AS Datasheet
1Mb / 7P
NPN Plastic Encapsulate Transistor
logo
Diodes Incorporated
BC846AS DIODES-BC846AS Datasheet
638Kb / 7P
65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
logo
Shenzhen Luguang Electr...
BC846AS LUGUANG-BC846AS Datasheet
695Kb / 4P
NPN general purpose Transistor
More results

Similar Description - BC846ASQ

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
Dual NPN Small Signal Transistor 300mW
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4 Datasheet
164Kb / 6P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
BC846BLP4 DIODES-BC846BLP4_15 Datasheet
151Kb / 7P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 2
BC846AS DIODES-BC846AS_17 Datasheet
638Kb / 7P
65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
BC856AS DIODES-BC856AS_17 Datasheet
542Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 9
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 1
logo
Yangzhou yangjie electr...
BC847BS YANGJIE-BC847BS Datasheet
617Kb / 5P
Dual NPN Small Signal Transistor
logo
Diodes Incorporated
BC856BWQ DIODES-BC856BWQ Datasheet
349Kb / 5P
65V PNP SMALL SIGNAL TRANSISTOR IN SOT323
December 2020 Rev. 1 - 2
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com