Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BFAQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BFAQ
Description  45V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BFAQ Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BFAQ Datasheet HTML 1Page - Diodes Incorporated BC847BFAQ Datasheet HTML 2Page - Diodes Incorporated BC847BFAQ Datasheet HTML 3Page - Diodes Incorporated BC847BFAQ Datasheet HTML 4Page - Diodes Incorporated BC847BFAQ Datasheet HTML 5Page - Diodes Incorporated BC847BFAQ Datasheet HTML 6Page - Diodes Incorporated BC847BFAQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BC847BFAQ
Document number: DS38755 Rev. 1 - 2
2 of 7
www.diodes.com
May 2016
© Diodes Incorporated
BC847BFAQ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
100
mA
Peak Pulse Collector Current
ICM
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
435
mW
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
287
°C/W
Thermal Resistance, Junction to Lead (Note 8)
RθJL
150
°C/W
Operating and Storage and Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge
– Machine Model
ESD MM
200
V
B
Notes:
6. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
7. Thermal resistance from junction to solder-point (on the exposed collector pad).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com