Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BVC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847BVC
Description  NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVC Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847BVC Datasheet HTML 1Page - Diodes Incorporated BC847BVC Datasheet HTML 2Page - Diodes Incorporated BC847BVC Datasheet HTML 3Page - Diodes Incorporated BC847BVC Datasheet HTML 4Page - Diodes Incorporated BC847BVC Datasheet HTML 5Page - Diodes Incorporated BC847BVC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847BVC
Document number: DS30638 Rev. 6 - 2
3 of 6
www.diodes.com
April 2017
© Diodes Incorporated
BC847BVC
Thermal Characteristics and Derating Information
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 2)
A
°
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
50
—
—
V
IC = 10A, IB = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
—
—
V
IE = 1A, IC = 0
DC Current Gain
(Note 7)
hFE
200
290
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 7)
VCE(SAT)
—
—
100
300
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 7)
VBE(SAT)
—
700
900
—
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
VBE
580
—
660
—
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Emitter Cutoff Current
ICBO
ICBO
—
—
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = +150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Output Capacitance
COBO
—
—
4.5
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
VCE = 5V, RS = 2.0k
f = 1.0kHz, BW
= 200Hz
Note:
7. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.
Fig. 1 Power Dissipation vs. Ambient Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com