Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-303DCG-KB Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTW-303DCG-KB
Description  Display & Mobile
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-303DCG-KB Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTW-303DCG-KB Datasheet HTML 1Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 2Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 3Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 4Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 5Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 6Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 7Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 8Page - Lite-On Technology Corporation LTW-303DCG-KB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1/13
Part No. : LTW-303DCG-KB
BNS-OD-FC002/A4
Display&Mobile
LTW-303DCG-KB
1. Description
The LTW (LiteOn White LED) is a revolutionary, energy efficient and ultra compact new light source, combining the lifetime and
reliability advantages of Light Emitting Diodes with the brightness of conventional lighting. It gives you total design freedom and
unmatched brightness, creating a new opportunities for solid state lighting to displace conventional lighting technologies..
.
1.1. Features
Lead free reflow solder compatible
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow
solder process.
EIA STD package.
I.C. compatible.
Meet green product and Pb-free(According to RoHS)
1.2. Applications
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Downlighters/Orientation
Decorative/Entertainment
Bollards/Security/Garden
Cove/Undershelf/Task
Traffic signaling/Beacons/ Rail crossing and Wayside
Indoor/Outdoor Commercial and Residential Architectural
Edge_lit signs (Exit, point of sale)
2. Outline Dimensions
Notes :
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com