Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
Intel CPU
RAM
2.5" Drive
mSATA Display
GbE
PoE
USB
DIO
COM
MiniPCIe
SIM Holder
Power Input
Operating
Temperature
ARK-2151V-S6A1E
Intel Celeron
2980U 1.6 GHz
Up to 8GB
1
1
1 x HDMI
1 x VGA
2
N/A
2 x USB2.0
2 x USB3.0
6Di
2Do
4
3 x Full Size
1 x Half Size
3
9 ~ 36 VDC
-20 ~ 60° C
ARK-2151V-S9A1E
Intel i5-4300U
1.9 GHz
4
2
Dimensions
Unit: mm
ARK-2151V
Packing List
Part Number
Description
-
1 x ARK-2151 Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1652000049
3-pole phoenix power block 3.81mm
1750001782
1 x GPS antenna Active with 5M SMA cable
1652003235
10-Pin DIO plug in block
Embedded OS
Part Number
Description
2070013560
ARK-2151V-S6A1E WES7 E OS image
2070013568
ARK-2151V-S9A1E WES7 E OS image
2070013599
ARK-2151V-S6A1E WE8S OS image
2070013600
ARK-2151V-S9A1E WE8S OS image
2070014978
ARK-2151V WES7 P OS image (10MUI, 64bit)
2070014995
ARK-2151V Win10 IoT Enterprise OS image (US, 64bit)
*Default BIOS is supported for 64-bit OS installation, BIOS 32-bit OS is supported by project
Optional Items
Part Number
Description
96PSA-A120W19T2
AC-to-DC Adapter
1702002600
Power Cable 3-pin 180cm, USA type
1702002605-02
Power Cable 3-pin 183cm, Europe type
1700018704
Power Cable 3-pin 183cm, UK type
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
ARK-2151V-S6A1E External I/O Mechanical Layout/Drawing
Front Panel
Rear Panel
Front Panel
Rear Panel
ARK-2151V-S9A1E External I/O Mechanical Layout/Drawing
252.50
264.50
238.20
Ø8.0
Ø3.8
75.1
ON/OFF
SSD LED
PWR LED
VGA
USB 3.0
HDMI
LAN1
LAN2
Digital IO
SSD RESET
Optional IO 2
USB 2.0
LINE-OUT
DC INPUT
Optional IO 1
RS-232/422/485
MIC
LINE-IN
POE
LINE-OUT
DC INPUT
Digital IO
MIC
LINE-IN
ON/OFF
SSD LED
PWR LED
VGA
USB 3.0
HDMI
LAN1
LAN2
SSD RESET
Optional I/O
USB 2.0
DIN Rail
VESA mount
Wall mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com