Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968EMLSAP2 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 968EMLSAP2
Description  3rd Gen. Intel Core i3/ i5/ i7 with 2 x 2.5' Removable HDD Bays Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968EMLSAP2 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  968EMLSAP2 Datasheet HTML 1Page - Advantech Co., Ltd. 968EMLSAP2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part No.
CPU
DDR3
DP HDMI DVI-I RS-232/
422/485
RS-232 USB
3.0
USB
2.0
MiniPCIe
SIM
DC input Expansion
ARK-3510L-00A1E
PGA Socket Type
up to 16 GB
1
1
1
2
2
4
2
2
2
12V
MIOe
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
1654009744
DVI-I to VGA adaptor
968EMLSAP2
SUSI CD
2006351010
User Manual (Simplified Chinese)
-
China RoHS for ARK-3510 Electronic Pollution 1st
2190000902
CARDBOARD-WARRANTY REV. A2
Embedded OS
Part Number
Description
2070012634
WES2009 32bit 10MUI
2070012650
WES7E 32bit ENG/CHT/CHS/JPN
2070012706
WES7E 64bit ENG/CHT/CHS/JPN
2070014612
WES7P 32bit ENG/CHT/CHS/JPN
2070012627
WES7P 64bit ENG/CHT/CHS/JPN
Optional Items
Part Number
Description
96PSA-A84W12W6-1
AC-to-DC Adapter, DC 12V/7A 84W, 0~40° C for Home and
Office Use
96PSA-A150W12W7
AC-to-DC Adaptor, DC 12V, -20 ~ 70° C
1702002600
Power cable 3-pin 180cm, USA type
1702031801
Power cable 3-pin 180cm, Uk type
1702002605
Power cable 3-pin 180cm, EU type
1700000237
Power cable 3-pin 180cm, with PSE
96MPI7M-2.3-6M9T
CORE 2.3G 6M 988P 4CORE I7-3610QE(G)
96MPI5-2.7-3M9T
CORE 2.7G 3M 988P 2CORE I5-3610ME(G)
96MPI3M-2.4-3M9T
CORE 2.4G 3M 988P 2CORE I3-3120ME(G)
96MPCM-2.2-2M9T
CELERON M 2.2G 2M 988P 2CORE 1020E(G)
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
ARK-3510
Dimensions
Unit: mm
250
R9
6
R3
290
270
ANTENNA
CFast
SIM Card
LINE OUT
MIC IN
USB5
USB6
COM1
COM2
COM3
COM4
ANTENNA
Digital IO
REMOVABLE HDD
REMOVABLE HDD
POWER
ON/OFF
RESET
HDD LED
THERMAL LED
DisplayPort
DVI-I
HDMI
USB1
USB2
USB3
USB4
LAN1
LAN2
ANTENNA
ANTENNA
DC IN 12V
ANTENNA
CFast
SIM Card
LINE OUT
MIC IN
USB5
USB6
COM1
COM2
COM3
COM4
ANTENNA
Digital IO
REMOVABLE HDD
REMOVABLE HDD
POWER
ON/OFF
RESET
HDD LED
THERMAL LED
DisplayPort
DVI-I
HDMI
USB1
USB2
USB3
USB4
LAN1
LAN2
ANTENNA
ANTENNA
DC IN 12V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com