Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  IoT Gateway Starter Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IoT Gateway Starter Kit
Features
IoT Gateway Starter Kit
ƒ Pre-configurd system: Intel Celeron J1900 SoC and WES7E with 4GB
Memory and 500 GB HDD
ƒ WISE-PaaS/RMM Pro version IoT device remote monitoring and management
software for data management, device monitoring/control and security
(Intel® Security McAfee)
ƒ Two models are certified by Microsoft Azure and WISE-PaaS/RMM ready on
Microsoft Azure Marketplace to enable big data analytics services
ƒ Comprehensive developer tools and documents: gateway & security SDK,
100+ RESTful APIs, Node-RED Logic Editor
ƒ Provides 3 hours of online consulting services with your exclusive account to
submit, manage, and track service status
ƒ IoT News, Software Design Tools (VIP, and Software Upgrade (VIP)
RoHS
COMPLIANT
2002/95/EC
Introduction
Advantech IoT Gateway Starter Kit created in collaboration with Intel® and Microsoft®. This kit will jumpstart your IoT innovation with a reliable platform and open gateway technologies.
The whole package includes a ready-to-run system (Intel® Celeron® J1900 platform & Windows 7 Embedded), IoT software platform service (WISE-PaaS), development kit and technical
support service, and Azure service certification and integration. With it, you can take your IoT innovation to market faster and create new business value.
Gateway System Specifications
ARK-1123H (Ultra Small)
ARK-2121L (Multiple I/O)
Processor
Intel® Celeron® J1900 Quad Core 2.0GHz SoC
Intel® Celeron® J1900 Quad Core 2.0GHz SoC
Memory
4GB bundled
4GB bundled
Integrated O/S
WES7E
WES7E
Operating Temperature
-20~60C with industrial grade RAM/SSD
-20~70C with industrial grade RAM/SSD
I/O Interface
HDMIx2, GbEx2, RS232/422/485x1, USB 3.0x1, USB 2.0 x2,
Line-in, Line-out
VGA, HDMI, GbEx2, RS232x2, RS232/422/485x2, USB 3.0x1,
USB 2.0 x3, Line-in, Line-out, MIC-in
Power Input
12VDC in
9~36VDC in
Wireless Networking
1 x full size miniPCIE for optional WiFi module
1 x full size miniPCIE for optional WiFi module
Storage
500GB 2.5" SATA HDD bundled
500GB 2.5" SATA HDD bundled
Dimensions
133.8 x 43.1 x 94.2 mm (5.27" x 1.7" x 3.71")
264.5 x 69.2 x 133.0 mm (10.41" x 2.72" x 5.24")
WISE-PaaS/RMM Software Specifications
Management
Device/ Gateway/Sensor states management
Map View
Support Google and Baidu.
HW Status Monitoring & Rule Setting
CPU/system temperature, fan speed, voltage, CPU/memory usage, system information, HDD monitoring, depending on HW capability
(Advantech product Only)
SW Process Monitoring & Rule Setting
Based on OS process managemer.
Data Auto Report
Actual data storage amount is subject to HDD capacity
Dashboard Builder
Support text, spark line, Gauge, pointer... etc. type of widget
Hierarchical Server
2 levels of sub-server supported
No sub-server amount limitation at each layer
Server Redundancy
Supports at most 2 redundant servers
Remote control**
Remote KVM/ Terminal Mode/ Intel AMT Integration/ Screenshot
Remote On/Off **
Remote On/Off/Power On/Off Scheduling /Hibernate/
System Protection**
McAfee White List Protection
System Recovery**
Acronis Backup/Recover/ Schedule/ Hot-Key Recovery
Notification Center
Event Log / Email Notification / SMS Notification
Management Interface
Account,Role management/ Mobile Mode / Web-Based Console
Web Service API
RESTful API
WISE Agent SDK
Agent and handler sample code
**Support depends on device type, OS and account permission.
NEW
All product specifications are subject to change without notice
Last updated : 5-Feb-2016


Similar Part No. - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual HDMI/GbE IoT Fanless BOX PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
865Kb / 2P
Independent Dual Displays Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
722Kb / 2P
4 COM Port Extendibility Fanless Box PC
More results

Similar Description - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EIS-DK10 ADVANTECH-EIS-DK10 Datasheet
954Kb / 2P
Edge Intelligence Server and Microsoft Azure IoT Starter Kit
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
Advantech Co., Ltd.
ESRP-PCS-ECU1051 ADVANTECH-ESRP-PCS-ECU1051 Datasheet
765Kb / 2P
Edge Intelligent IoT Gateway
ESRP-AWS-U2372 ADVANTECH-ESRP-AWS-U2372 Datasheet
682Kb / 2P
Amazon IoT Greengrass Starter Kit with UNO-2372
21-Dec-2022
ESRP-AWS-U2484 ADVANTECH-ESRP-AWS-U2484 Datasheet
878Kb / 2P
Amazon IoT Edge Starter Kit with UNO-2484
22-Dec-2022
ESRP-AWS-UNO137 ADVANTECH-ESRP-AWS-UNO137 Datasheet
496Kb / 2P
Amazon IoT Greengrass Starter Kit with UNO-137
22-Dec-2022
ESRP-CSS-U2372 ADVANTECH-ESRP-CSS-U2372 Datasheet
644Kb / 2P
Azure IoT Edge Starter Kit with UNO-2372
21-Dec-2022
ESRP-CSS-U2484 ADVANTECH-ESRP-CSS-U2484 Datasheet
899Kb / 2P
Azure IoT Edge Starter Kit with UNO-2484
22-Dec-2022
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
Industrial Automation IoT Gateway
logo
Multi-Tech Systems, Inc...
86002244 MULTITECH-86002244 Datasheet
1Mb / 8P
IoT Programmable Gateway
2022-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com