Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360L Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 78Page - Cypress Semiconductor MB9B360L Datasheet HTML 79Page - Cypress Semiconductor MB9B360L Datasheet HTML 80Page - Cypress Semiconductor MB9B360L Datasheet HTML 81Page - Cypress Semiconductor MB9B360L Datasheet HTML 82Page - Cypress Semiconductor MB9B360L Datasheet HTML 83Page - Cypress Semiconductor MB9B360L Datasheet HTML 84Page - Cypress Semiconductor MB9B360L Datasheet HTML 85Page - Cypress Semiconductor MB9B360L Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 82 of 128
MB9B360L Series
High-Speed Synchronous Serial (SPI = 0, SCINV = 1)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Pin
Name
Conditions
VCC < 4.5 V
VCC
≥ 4.5 V
Unit
Min
Max
Min
Max
Serial clock cycle time
tSCYC
SCKx
Internal shift
clock operation
4tCYCP
-
4tCYCP
-
ns
SCK↑→SOT delay time
tSHOVI
SCKx,
SOTx
-10
+10
-10
+10
ns
SIN→SCK↓
setup time
tIVSLI
SCKx,
SINx
14
-
12.5
-
ns
12.5*
SCK↓→SIN hold time
tSLIXI
SCKx,
SINx
5
-
5
-
ns
Serial clock "L" pulse width
tSLSH
SCKx
External shift
clock operation
2tCYCP – 5
-
2tCYCP – 5
-
ns
Serial clock "H" pulse width
tSHSL
SCKx
tCYCP + 10
-
tCYCP + 10
-
ns
SCK↑→SOT delay time
tSHOVE
SCKx,
SOTx
-
15
-
15
ns
SIN→SCK↓
setup time
tIVSLE
SCKx,
SINx
5
-
5
-
ns
SCK↓→SIN hold time
tSLIXE
SCKx,
SINx
5
-
5
-
ns
SCK falling time
tF
SCKx
-
5
-
5
ns
SCK rising time
tR
SCKx
-
5
-
5
ns
Notes:
−
The above characteristics apply to CLK synchronous mode.
−
tCYCP indicates the APB bus clock cycle time.
About the APB bus number which UART is connected to, see 8. Block Diagram in this data sheet.
−
These characteristics only guarantee the following pins.
−
No chip select:
SIN0_1, SOT0_1, SCK0_1
−
Chip select:
SIN6_0, SOT6_0, SCK6_0, SCS6_0
−
When the external load capacitance CL = 30 pF. (For *, when CL = 10 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com