Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10064CIWM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10064CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10064CIWM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10064CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10064CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics (Continued)
Spectral Response with
100 kHz Sine Wave Input
Signal-to-Noise + THD Ratio
vs Signal Frequency
Linearity Change
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
01102025
01102026
01102027
Linearity Change
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
Linearity Error Change
vs Sample Time
01102028
01102029
TRI-STATE Test Circuits and Waveforms
01102005
01102006
01102007
01102008
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com