Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520M Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 78Page - Cypress Semiconductor MB9B520M Datasheet HTML 79Page - Cypress Semiconductor MB9B520M Datasheet HTML 80Page - Cypress Semiconductor MB9B520M Datasheet HTML 81Page - Cypress Semiconductor MB9B520M Datasheet HTML 82Page - Cypress Semiconductor MB9B520M Datasheet HTML 83Page - Cypress Semiconductor MB9B520M Datasheet HTML 84Page - Cypress Semiconductor MB9B520M Datasheet HTML 85Page - Cypress Semiconductor MB9B520M Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 82 of 108
MB9B520M Series
12.5.1
Definition of 12-bit A/D Converter Terms
Resolution:
Analog variation that is recognized by an A/D converter.
Integral Nonlinearity:
Deviation of the line between the zero-transition point (0b000000000000
←→ 0b000000000001)
and the full-scale transition point (0b111111111110
←→ 0b111111111111) from the actual
conversion characteristics.
Differential Nonlinearity:
Deviation from the ideal value of the input voltage that is required to change the output code
by 1 LSB.
Integral Nonlinearity of digital output N =
VNT - {1LSB × (N - 1) + VZT}
[LSB]
1LSB
Differential Nonlinearity of digital output N =
V(N + 1) T - VNT
- 1 [LSB]
1LSB
1LSB =
VFST - VZT
4094
N:
A/D converter digital output value.
VZT:
Voltage at which the digital output changes from 0x000 to 0x001.
VFST:
Voltage at which the digital output changes from 0xFFE to 0xFFF.
VNT:
Voltage at which the digital output changes from 0x(N − 1) to 0xN.
Integral Nonlinearity
Differential Nonlinearity
Actual conversion
characteristics
Actual conversion
characteristics
Ideal characteristics
(Actually-
measured
value)
Actual conversion
characteristics
Actual conversion characteristics
(Actually-measured
value)
(Actually-measured value)
Ideal characteristics
(Actually-measured
value)
Analog input
Analog input
(Actually-measured
value)
0x001
0x002
0x003
0x004
0xFFD
0xFFE
0xFFF
AVRL
AVRH
AVRL
AVRH
0x(N-2)
0x(N-1)
0x(N+1)
0xN
{1 LSB(N-1) + VZT}
VNT
VFST
VZT
VNT
V(N+1)T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com