Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520TA Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB9B520TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520TA Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB9B520TA Datasheet HTML 24Page - Cypress Semiconductor MB9B520TA Datasheet HTML 25Page - Cypress Semiconductor MB9B520TA Datasheet HTML 26Page - Cypress Semiconductor MB9B520TA Datasheet HTML 27Page - Cypress Semiconductor MB9B520TA Datasheet HTML 28Page - Cypress Semiconductor MB9B520TA Datasheet HTML 29Page - Cypress Semiconductor MB9B520TA Datasheet HTML 30Page - Cypress Semiconductor MB9B520TA Datasheet HTML 31Page - Cypress Semiconductor MB9B520TA Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
Document Number: 002-05661 Rev. *D
Page 27 of 131
MB9B520TA Series
Pin
function
Pin name
Function description
Pin No
LQFP-176
LQFP-144
BGA-192
Base Timer
3
TIOA03_0
Base timer ch.3 TIOA pin
49
41
L4
TIOA03_1
41
33
L2
TIOA03_2
165
135
C6
TIOB03_0
Base timer ch.3 TIOB pin
62
54
M6
TIOB03_1
31
-
H6
TIOB03_2
166
136
D6
Base Timer
4
TIOA04_0
Base timer ch.4 TIOA pin
50
42
M4
TIOA04_1
42
34
L3
TIOA04_2
65
57
J6
TIOB04_0
Base timer ch.4 TIOB pin
63
55
L6
TIOB04_1
32
-
J5
TIOB04_2
66
58
N8
Base Timer
5
TIOA05_0
Base timer ch.5 TIOA pin
51
43
N4
TIOA05_1
43
35
M2
TIOA05_2
8
8
D3
TIOB05_0
Base timer ch.5 TIOB pin
64
56
K6
TIOB05_1
33
-
J4
TIOB05_2
9
9
D4
Base Timer
6
TIOA06_0
Base timer ch.6 TIOA pin
170
-
B4
TIOA06_1
148
118
E9
TIOA06_2
25
-
H1
TIOB06_0
Base timer ch.6 TIOB pin
171
-
C4
TIOB06_1
161
131
D7
TIOB06_2
26
-
H2
Base Timer
7
TIOA07_0
Base timer ch.7 TIOA pin
77
-
P10
TIOA07_1
124
100
E12
TIOA07_2
71
63
J8
TIOB07_0
Base timer ch.7 TIOB pin
76
-
K9
TIOB07_1
125
101
E13
TIOB07_2
72
64
P9
Base Timer
8
TIOA08_0
Base timer ch.8 TIOA pin
2
2
B2
TIOA08_1
82
-
N11
TIOA08_2
149
119
F9
TIOB08_0
Base timer ch.8 TIOB pin
139
-
C11
TIOB08_1
83
-
M11
TIOB08_2
162
132
E7
Base Timer
9
TIOA09_0
Base timer ch.9 TIOA pin
3
3
C2
TIOA09_1
106
-
H13
TIOA09_2
19
19
F6
TIOB09_0
Base timer ch.9 TIOB pin
140
-
D11
TIOB09_1
107
-
H12
TIOB09_2
20
20
G2
Base Timer
10
TIOA10_0
Base timer ch.10 TIOA pin
4
4
C3
TIOA10_1
108
-
H11
TIOA10_2
150
120
C8
TIOB10_0
Base timer ch.10 TIOB pin
141
-
B10
TIOB10_1
109
-
G13
TIOB10_2
163
133
F7
Base Timer
11
TIOA11_0
Base timer ch.11 TIOA pin
5
5
D5
TIOA11_1
110
-
G12
TIOA11_2
21
21
G3
TIOB11_0
Base timer ch.11 TIOB pin
142
-
C10
TIOB11_1
111
-
G11
TIOB11_2
22
22
G4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com