Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B560L Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B560L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B560L Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B560L Datasheet HTML 35Page - Cypress Semiconductor MB9B560L Datasheet HTML 36Page - Cypress Semiconductor MB9B560L Datasheet HTML 37Page - Cypress Semiconductor MB9B560L Datasheet HTML 38Page - Cypress Semiconductor MB9B560L Datasheet HTML 39Page - Cypress Semiconductor MB9B560L Datasheet HTML 40Page - Cypress Semiconductor MB9B560L Datasheet HTML 41Page - Cypress Semiconductor MB9B560L Datasheet HTML 42Page - Cypress Semiconductor MB9B560L Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Document Number: 002-04922 Rev.*B
Page 39 of 128
MB9B560L Series
Handling when Using Multi-Function Serial Pin as I
2C Pin
If it is using the multi-function serial pin as I
2C pins, P-ch transistor of digital output is always disabled.
However, I
2C pins need to keep the electrical characteristic like other pins and not to connect to the external I2C bus system with
power OFF.
C Pin
This series contains the regulator. Be sure to connect a smoothing capacitor (CS) for the regulator between the C pin and the GND
pin. Please use a ceramic capacitor or a capacitor of equivalent frequency characteristics as a smoothing capacitor.
However, some laminated ceramic capacitors have the characteristics of capacitance variation due to thermal fluctuation (F
characteristics and Y5V characteristics). Please select the capacitor that meets the specifications in the operating conditions to use
by evaluating the temperature characteristics of a capacitor.
A smoothing capacitor of about 4.7
μF would be recommended for this series.
Mode Pins (MD0)
Connect the MD pin (MD0) directly to VCC or VSS pins. Design the printed circuit board such that the pull-up/down resistance stays
low, as well as the distance between the mode pins and VCC pins or VSS pins is as short as possible and the connection
impedance is low, when the pins are pulled-up/down such as for switching the pin level and rewriting the Flash memory data. It is
because of preventing the device erroneously switching to test mode due to noise.
Notes on Power-on
Turn power on/off in the following order or at the same time. The device operates normally after all power on.
In the case of 64pin package, VBAT only Power-on is possible when turns all power on and Hibernation control is setting and then
except for VBAT turns power off. About Hibernation control, see Chapter 7-2: VBAT Domain (A) in FM4 Family Peripheral Manual
(002-04856).
If not using the A/D converter and D/A converter, connect AVCC = VCC and AVSS = VSS.
Turning on:
VBAT → VCC → USBVCC
VCC → AVCC → AVRH
Turning off:
AVRH → AVCC → VCC
USBVCC → VCC → VBAT
Serial Communication
There is a possibility to receive wrong data due to the noise or other causes on the serial communication.
Therefore, design a printed circuit board so as to avoid noise.
Consider the case of receiving wrong data due to noise, perform error detection such as by applying a checksum of data at the end.
If an error is detected, retransmit the data.
Differences in Features among the Products with Different Memory Sizes and between Flash Products and
MASK Products
The electric characteristics including power consumption, ESD, latch-up, noise characteristics, and oscillation characteristics among
the products with different memory sizes and between Flash products and MASK products are different because chip layout and
memory structures are different.
If you are switching to use a different product of the same series, please make sure to evaluate the electric characteristics.
Pull-Up Function of 5 V Tolerant I/O
Please do not input the signal more than VCC voltage at the time of pull-up function use of 5V tolerant I/O.
Device
C
VSS
CS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com