Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90348EPF Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB90348EPF
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90348EPF Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB90348EPF Datasheet HTML 10Page - Cypress Semiconductor MB90348EPF Datasheet HTML 11Page - Cypress Semiconductor MB90348EPF Datasheet HTML 12Page - Cypress Semiconductor MB90348EPF Datasheet HTML 13Page - Cypress Semiconductor MB90348EPF Datasheet HTML 14Page - Cypress Semiconductor MB90348EPF Datasheet HTML 15Page - Cypress Semiconductor MB90348EPF Datasheet HTML 16Page - Cypress Semiconductor MB90348EPF Datasheet HTML 17Page - Cypress Semiconductor MB90348EPF Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 13 of 92
MB90340E Series
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1
LQFP100*2
97
P34
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor. This function is enabled either in single-chip mode or when the
hold function is disabled.
HRQ
Hold request input pin. This function is enabled when both the external bus
and the hold function are enabled.
OUT4
Waveform output pin for output compare.
10
8
P35
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor. This function is enabled either in single-chip mode or when the
hold function is disabled.
HAK
Hold acknowledge output pin. This function is enabled when both the external
bus and the hold function are enabled.
OUT5
Waveform output pin for output compare.
11
9
P36
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor. This function is enabled either in single-chip mode or when the
external ready function is disabled.
RDY
External ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare.
12
10
P37
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor. This function is enabled either in single-chip mode or when the
clock output is disabled.
CLK
Clock output pin. This function is enabled when both the
external bus and clock output are enabled.
OUT7
Waveform output pin for output compare
13, 14
11, 12
P40, P41
F
General purpose I/O pins.
(devices with an S suffix in the part number and or MB90V340E-101)
X0A, X1A
B
Oscillation pins for sub clock
(devices without an S suffix in the part number and or MB90V340E-102)
15
13
VCC
Power (3.5 V to 5.5 V) input pin
16
14
VSS
GND pin
17
15
C
K
This is the power supply stabilization capacitor This pin should be connected
to a ceramic capacitor with a capacitance greater than or equal to 0.1
F.
18
16
P42
F
General purpose I/O pin.
IN6
Trigger input pin for input capture.
RX1
RX input pin for CAN1 Interface
(MB90341E/342E/F342E/F345E only)
INT9R
External interrupt request input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com