Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90348ESPMC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB90348ESPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90348ESPMC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB90348ESPMC Datasheet HTML 28Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 29Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 30Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 31Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 32Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 33Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 34Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 35Page - Cypress Semiconductor MB90348ESPMC Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 31 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000020H
Serial Mode Register 0
SMR0
W,R/W
UART0
00000000B
000021H
Serial Control Register 0
SCR0
W,R/W
00000000B
000022H
Reception/Transmission Data Register 0
RDR0/TDR0
R/W
00000000B
000023H
Serial Status Register 0
SSR0
R,R/W
00001000B
000024H
Extended Communication Control
Register 0
ECCR0
R,W,
R/W
000000XXB
000025H
Extended Status/Control Register 0
ESCR0
R/W
00000100B
000026H
Baud Rate Generator Register 00
BGR00
R/W
00000000B
000027H
Baud Rate Generator Register 01
BGR01
R/W
00000000B
000028H
Serial Mode Register 1
SMR1
W,R/W
UART1
00000000B
000029H
Serial Control Register 1
SCR1
W,R/W
00000000B
00002AH
Reception/Transmission Data Register 1
RDR1/TDR1
R/W
00000000B
00002BH
Serial Status Register 1
SSR1
R,R/W
00001000B
00002CH
Extended Communication Control
Register 1
ECCR1
R,W,
R/W
000000XXB
00002DH
Extended Status/Control Register 1
ESCR1
R/W
00000100B
00002EH
Baud Rate Generator Register 10
BGR10
R/W
00000000B
00002FH
Baud Rate Generator Register 11
BGR11
R/W
00000000B
000030H
PPG 0 Operation Mode Control Register
PPGC0
W,R/W
16-bit PPG 0/1
0X000XX1B
000031H
PPG 1 Operation Mode Control Register
PPGC1
W,R/W
0X000001B
000032H
PPG 0/PPG 1 Count Clock Select Register
PPG01
R/W
000000X0B
000033H
Reserved
000034H
PPG 2 Operation Mode Control Register
PPGC2
W,R/W
16-bit PPG 2/3
0X000XX1B
000035H
PPG 3 Operation Mode Control Register
PPGC3
W,R/W
0X000001B
000036H
PPG 2/PPG 3 Count Clock Select Register
PPG23
R/W
000000X0B
000037H
Reserved
000038H
PPG 4 Operation Mode Control Register
PPGC4
W,R/W
16-bit PPG 4/5
0X000XX1B
000039H
PPG 5 Operation Mode Control Register
PPGC5
W,R/W
0X000001B
00003AH
PPG 4/PPG 5 Clock Select Register
PPG45
R/W
000000X0B
00003BH
Address Detect Control Register 1
PACSR1
R/W
Address Match
Detection 1
00000000B
00003CH
PPG 6 Operation Mode Control Register
PPGC6
W,R/W
16-bit PPG 6/7
0X000XX1B
00003DH
PPG 7 Operation Mode Control Register
PPGC7
W,R/W
0X000001B
00003EH
PPG 6/PPG 7 Count Clock Control Register
PPG67
R/W
000000X0B
00003FH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com