Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F584MJ Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB91F584MJ
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F584MJ Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB91F584MJ Datasheet HTML 10Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 11Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 12Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 13Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 14Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 15Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 16Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 17Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 13 of 175
MB91580M/S Series
3.
Pin Description
MB91F583AM/F584AM/F585AM
Pin No.
Pin name
I/O circuit
type*
Function
83
X0
A
Main clock oscillation input pin
84
X1
Main clock oscillation output pin
67
NMIX
B
Interrupt input pin without mask
88
RSTX
B
External reset input pin
81
MD0
C
Mode pin 0 (with high-voltage control)
82
MD1
C
Mode pin 1 (with high-voltage control)
2
P000
D
General-purpose I/O port
4
P001
D
General-purpose I/O port
7
P002
D
General-purpose I/O port
9
P003
D
General-purpose I/O port
11
P004
D
General-purpose I/O port
13
P005
D
General-purpose I/O port
15
P006
D
General-purpose I/O port
17
P007
D
General-purpose I/O port
19
P010
F
General-purpose I/O port
IN0
16-bit input capture ch.0 external pulse input pin
AN0
ADC analog 0 input pin
20
P011
F
General-purpose I/O port
IN1
16-bit input capture ch.1 external pulse input pin
AN1
ADC analog 1 input pin
21
P012
F
General-purpose I/O port
IN2
16-bit input capture ch.2 external pulse input pin
AN2
ADC analog 2 input pin
22
P013
F
General-purpose I/O port
IN3
16-bit input capture ch.3 external pulse input pin
AN3
ADC analog 3 input pin
23
P014
F
General-purpose I/O port
TRG1
PPG ch.4, ch.5 external trigger
AN4
ADC analog 4 input pin
24
P015
F
General-purpose I/O port
AN5
ADC analog 5 input pin
27
P016
G
General-purpose I/O port
AN6
ADC analog 6 input pin
INT6
INT6 external interrupt input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com