Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585AMG Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB91F585AMG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMG Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB91F585AMG Datasheet HTML 2Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 3Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 4Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 5Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 6Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 7Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 8Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 9Page - Cypress Semiconductor MB91F585AMG Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 5 of 175
MB91580M/S Series
1.
Product Lineup
MB91580AM Series Product Lineup Comparison
 Memory size
Items
MB91F583AMG
MB91F583AMH
MB91F583AMJ
MB91F583AMK
MB91F584AMG
MB91F584AMH
MB91F584AMJ
MB91F584AMK
MB91F585AMG
MB91F585AMH
MB91F585AMJ
MB91F585AMK
Flash memory capacity (program)
256+64 Kbytes
384+64 Kbytes
512+64 Kbytes
Flash memory capacity (work)
64 Kbytes
RAM capacity (main)
32 Kbytes
48 Kbytes
48 Kbytes
RAM capacity (backup)
8 Kbytes
 Function
Items
MB91F583AMG
MB91F584AMG
MB91F585AMG
MB91F583AMH
MB91F584AMH
MB91F585AMH
MB91F583AMJ
MB91F584AMJ
MB91F585AMJ
MB91F583AMK
MB91F584AMK
MB91F585AMK
System clock
On-chip PLL clock multiplication system
(Up to 32 times of multiplication)
Minimum instruction execution time: 7.81ns
(128MHz, source oscillation 4MHz
× 32 times of multiplication)
CR oscillation
Provided
Oscillation stop feature
during standby
Provided
Provided
Not provided
Not provided
External bus interface
Not provided
DMA transfer
8 channels
16-bit base timer
2 channels
Free-run timer
6 channels
Input capture
4 channels
Output compare
7 channels
Waveform generator
2 units (7 channels)
16-bit reload timer
4 channels
PPG
6 channels
External interrupt
8 channels
A/D converter
3 units (23 channels)
R/D converter
Not provided
D/A converter
Provided
Up/ down counter
2 channels
Multi-function serial interface
4 channels
CAN
64msb
× 2 channels (ch.0/ch.1)
FlexRay
128msb
×
1 unit
(ch.A / ch.B)
Not provided
128msb
×
1 unit
(ch.A / ch.B)
Not provided
Software watchdog
Provided
Hardware watchdog
Provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com