Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 63Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 64Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 65Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 66Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 67Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 68Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 69Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 70Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 66 of 175
MB91580M/S Series
Address
Address offset value/Register name
Block
+0
+1
+2
+3
00156CH
SCR3/(IBCR3)
[R/W] B,H,W
0--00000
SMR3[R/W] B,H,W
000000-0
SSR3[R/W]
B,H,W
0--00011
ESCR3/(IBSR3)
[R/W] B,H,W
00000000
Multi Function
Serial I/F 3
*1: Byte access is
possible only for
access to lower 8
bits.
*2: Reserved
because I
2C mode
is not set
immediately after
reset
*3: Reserved
because CSIO
mode is not set
immediately after
reset
*4: Reserved
because LIN2.1
mode is not set
immediately after
reset
001570H
-/(RDR13/(TDR13))[R/W] B,H,W
-------- --------
*3
RDR03/(TDR03)[R/W] B,H,W
-------0 00000000
*1
001574H
SACSR3[R/W] B,H,W
0----000 00000000
STMR3[R] B,H,W
00000000 00000000
001578H
STMCR3[R/W] B,H,W
00000000 00000000
-/(SCSCR3/SFUR3) [R/W] B,H,W
-------- --------
*3 *4
00157CH
-/(SCSTR33) [R/W]
B,H,W
--------
*3
-/(SCSTR23) [R/W]
B,H,W
--------
*3
-/(SCSTR13/
SFLR13) [R/W] B,H,W
--------
*3 *4
-/(SCSTR03/
SFLR03) [R/W] B,H,W
--------
*3 *4
001580H
-
-
-
-
001584H
-
-
-
TBYTE03[R/W]
B,H,W
00000000
001588H
BGR3[R/W] H,W
00000000 00000000
-/(ISMK3)[R/W] B,H,W
--------
*2
-/(ISBA3)[R/W] B,H,W
--------
*2
00158CH
FCR13[R/W] B,H,W
00-00100
FCR03[R/W] B,H,W
-0000000
FBYTE23[R/W] B,H,W
00000000
FBYTE13[R/W] B,H,W
00000000
001590H
|
001FFCH
-
-
-
-
Reserved
002000H
CTRLR0[R/W] B,H,W
-------- 000-0001
STATR0[R/W] B,H,W
-------- 00000000
CAN 0
64msb
002004H
ERRCNT0 [R] B,H,W
00000000 00000000
BTR0[R/W] B,H,W
-0100011 00000001
002008H
INTR0[R] B,H,W
00000000 00000000
TESTR0[R/W] B,H,W
-------- X00000--
00200CH
BRPER0[R/W] B,H,W
-------- ----0000
-
002010H
IF1CREQ0[R/W] B,H,W
0------- 00000001
IF1CMSK0[R/W] B,H,W
-------- 00000000
002014H
IF1MSK20[R/W] B,H,W
11-11111 11111111
IF1MSK10[R/W] B,H,W
11111111 11111111
002018H
IF1ARB20[R/W] B,H,W
00000000 00000000
IF1ARB10[R/W] B,H,W
00000000 00000000
00201CH
IF1MCTR0[R/W] B,H,W
00000000 0---0000
-
002020H
IF1DTA10[R/W] B,H,W
00000000 00000000
IF1DTA20[R/W] B,H,W
00000000 00000000
002024H
IF1DTB10[R/W] B,H,W
00000000 00000000
IF1DTB20[R/W] B,H,W
00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com