Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 120 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 120 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 116Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 117Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 118Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 119Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 120Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 121Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 122Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 123Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 124Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 119 of 175
MB91580M/S Series
Interrupt factor
Interrupt number
Inter
rupt
level
Offset
TBR default
address
RN
*1
Interrupt
request
batch read
target
Decimal
Hexa
decimal
WG dead timer underflow 0 / 1 / 2
WG dead timer reload 0 / 1 / 2
WG DTTI 0
55
37
ICR3
9
320H
000FFF20H
39
WG dead timer underflow 3 / 4 / 5
WG dead timer reload 3 / 4 / 5
WG DTTI 1
56
38
ICR4
0
31CH
000FFF1CH
40
AD converter 0 / 1 / 2 / 3 / 4 / 5 / 6 / 7
57
39
ICR4
1
318H
000FFF18H
41
AD converter 8 / 9 / 10 / 11 / 12 / 13 / 14
58
3A
ICR4
2
314H
000FFF14H
42
AD converter 16 / 17 / 18 / 19 / 20 / 21 / 22
/ 23
59
3B
ICR4
3
310H
000FFF10H
43
Base timer 0 IRQ 0/
base timer 0 IRQ 1
60
3C
ICR4
4
30CH
000FFF0CH
44
Base timer 1 IRQ 0/
base timer 1 IRQ 1
61
3D
ICR4
5
308H
000FFF08H
45
DMAC 0 / 1 / 2 / 3 / 4 / 5 / 6 / 7
62
3E
ICR4
6
304H
000FFF04H
-
Delay interrupt
63
3F
ICR4
7
300H
000FFF00H
-
-
System reserved
64
40
-
2FCH
000FFEFCH
-
-
System reserved
65
41
-
2F8H
000FFEF8H
-
-
Used with the INT instruction.
66
|
255
42
|
FF
-
2F4H
|
000H
000FFEF4H
|
000FFC00H
-
-
*1 :Does not support a DMA transfer request caused by an interrupt generated from a peripheral to which no RN
(resource number) is assigned.
*2 :The multi-function serial interface status does not support DMA transfer caused by I
2C reception.
*3 :"PLL gear for FlexRay" and "PLL alarm for FlexRay" do not support DMA transfer.
*4 :For MB91F583AM/F584AM/F585AM, the interrupt vectors are unused.
*5 :For FlexRay, the MB91F583AMG/F584AMG/F585AMG/F583AMJ/F584AMJ/F585AMJ have corresponding
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com