Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 137 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 137 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 133Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 134Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 135Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 136Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 137Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 138Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 139Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 140Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 141Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 136 of 175
MB91580M/S Series
Oscillation clock frequency vs. Internal operation clock frequency
Internal operation clock frequency
Main
clock
PLL clock
Multipli
ed by 1
Multipli
ed by 2
Multipli
ed by 3
Multipli
ed by 4
...
Multiplied
by 20
...
Multiplied
by 32
Oscillation
clock
frequency
4MH
z
2MH
z
4MHz 8MHz 12MHz 16MHz ... 80MHz ... 128MHz
 Example of oscillation circuit
X1
X0
R=330Ω
C2=12pF
C1=12pF
4MHz
Note: If it is impossible to start the oscillation within or equal to 20ms when starting from the
oscillation stop state, the clock supervisor performs a detection of oscillation stop and moves
to the fail safe operation.
Design your print circuit board so that the oscillator can start oscillation within 20ms.
In addition, when configuring the oscillator circuit, it is recommended to ask matching
evaluation of the circuit to oscillator manufacturers for the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com