Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 174 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 174 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 168Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 169Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 170Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 171Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 172Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 173Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 174Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 175Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 176Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 174 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 173 of 175
MB91580M/S Series
Page
Section
Change Results
33
Memory Map
The memory map should be corrected.
The address of "Reset vector table" and "Interrupt vector table"
should be added
54,85
I/O Map
Address:00150CH
The register name should be corrected.
STMCR00
→ STMCR0
54,55,85
I/O Map
Address: 00150 EH, 001510H, 001511H,
001512H,
001513H
The registers should be deleted.
SCS CR0,SCSTR30,SCSTR20,SCSTR10,SCSTR00
63,92
I/O Map
Address:00D310H
The initial values of MHDS should be corrected.
-0000000 -0000000 -0000000 10000000
↓
-0000000 -0000000 -0000000 00000000
104
Electrical Characteristics
DC Caharacteristics
The specification of "H" level input voltage of P021-P023,P025-P027
should be corrected.
Min:0.65 ×Vcc
↓
Min: 0.7 × Vcc
105
Electrical Characteristics
DC Caharacteristics
The specification of "L" level input voltage of P021-P023,P025-P027
should be corrected.
Max: 0.35 × Vcc
↓
Max: 0.3 × Vcc
111
Electrical Characteristics
AC Characteristics
Main Clock Timing
The remarks of "CAN PLL jitter" should be deleted.
111
Electrical Characteristics
AC Characteristics
Main Clock Timing
The specifications of "The Built-in CR oscillation frequency" should
be corrected.
Min: 90kHz,
Max: 110kHz
↓
Min:50kHz
Max:150kHz,
-
-
Company name and layout design change
NOTE: Please see “Document History” about later revised information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com