Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585ASG Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB91F585ASG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASG Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB91F585ASG Datasheet HTML 15Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 16Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 17Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 18Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 19Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 20Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 21Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 22Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 18 of 175
MB91580M/S Series
Pin No.
Pin name
I/O circuit
type*
Function
94
P085
D
General-purpose I/O port
SCS3
Multi-function serial ch.3 serial chip select I/O pin
95
P086
D
General-purpose I/O port
96
P087
D
General-purpose I/O port
32
P090
F
General-purpose I/O port
AN16
ADC analog 16 input pin
33
P091
F
General-purpose I/O port
AN17
ADC analog 17 input pin
34
P092
F
General-purpose I/O port
AN18
ADC analog 18 input pin
43
P093
F
General-purpose I/O port
PPG4
PPG ch.4 output pin
AN19
ADC analog 19 input pin
44
P094
F
General-purpose I/O port
PPG5
PPG ch.5 output pin
AN20
ADC analog 20 input pin
45
P095
F
General-purpose I/O port
AN21
ADC analog 21 input pin
46
P096
F
General-purpose I/O port
AN22
ADC analog 22 input pin
52
P097
F
General-purpose I/O port
AN23
ADC analog 23 input pin
47
P100
D
General-purpose I/O port
48
P101
D
General-purpose I/O port
49
P102
D
General-purpose I/O port
77
DEBUGIF
I
DEBUG I/F pin
28
AVCC0
-
A/D converter analog power supply
58
AVCC1
-
A/D converter analog power supply
30
AVRH0
-
A/D converter upper limit reference voltage
57
AVRH1
-
A/D converter upper limit reference voltage
31
AVSS0
-
A/D converter GND
AVRL0
A/D converter lower limit reference voltage
56
AVSS1
-
A/D converter GND
AVRL1
A/D converter lower limit reference voltage
93
C
-
External capacity connection output pin
25, 50, 76,
100
VCC5
-
+5.0V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com