Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585ASH Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # MB91F585ASH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASH Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button MB91F585ASH Datasheet HTML 130Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 131Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 132Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 133Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 134Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 135Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 136Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 137Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 133 of 175
MB91580M/S Series
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICCS
VCC5
CPU sleep
FCP=128MHz,
FCPm=128MHz,
FCPP=32MHz
-
41
66
mA
*1, *2 ,*3, *4
ICCBS
Bus sleep
FCP=128MHz,
FCPm=128MHz,
FCPP=32MHz
-
19
45
mA
*1, *2 ,*3 ,*4
ICCT
Clock mode
4MHz source
oscillation
-
1.2
1.8
mA
When using external clock*5
TA=25
°C, *1, *2 ,*3 ,*4
-
2.7
3.3
mA
When using crystal
TA=25
°C, *1, *2, *3, *4
ICCTS
Clock mode
shutdown
4MHz source
oscillation
-
0.3
0.4
mA
When using external clock*5
TA=25
°C, *1, *2
-
1.8
1.9
mA
When using crystal
TA=25
°C, *1, *2
-
0.7
0.8
mA
When using external clock*5
TA=25
°C, *3, *4
-
2.2
2.3
mA
When using crystal
TA=25
°C, *3 ,*4
ICCH
STOP mode
-
0.6
1.1
mA
TA=25
°C, *1 ,*2
-
1.0
1.6
mA
TA=25
°C, *3 ,*4
ICCHS
STOP mode
shutdown
-
0.1
0.2
mA
TA=25
°C, *1, *2
-
0.5
0.6
mA
TA=25
°C, *3, *4
*1:MB91F583AMG/F584AMG/F585AMG/F583AMH/F584AMH/F585AMH
*2:MB91F583ASG/F584ASG/F585ASG/F583ASH/F584ASH/F585ASH
*3:MB91F583AMJ/F584AMJ/F585AMJ/F583AMK/F584AMK/F585AMK
*4:MB91F583ASJ/F584ASJ/F585ASJ/F583ASK/F584ASK/F585ASK
*5: The power supply current is the current value when the external clock is supplied from the X1 pin. Note that
the power supply current value when using the external clock is different from that using the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com