Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585ASH Datasheet(PDF) 138 Page - Cypress Semiconductor

Part # MB91F585ASH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASH Datasheet(HTML) 138 Page - Cypress Semiconductor

Back Button MB91F585ASH Datasheet HTML 134Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 135Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 136Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 137Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 138Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 139Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 140Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 141Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 142Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 137 of 175
MB91580M/S Series
AC characteristics are specified by the following measurement reference voltage values.
Input Signal Waveform
Output Signal Waveform
Hysteresis Input Pin (Automotive)
0.5Vcc
0.8Vcc
Output Pin
0.8V
2.4V
Hysteresis Input Pin (CMOS schmitt)
0.3Vcc
0.7Vcc
Hysteresis Input Pin (FlexRay)
0.35Vcc
0.65Vcc
11.4.2
Reset input
(TA: Recommended operating conditions, Vcc =5.0V±10%, Vss=AVss=0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RSTX
-
10
-
µs
During normal
operation
Oscillation time of
oscillator
*
+0.1
-
ms
At Stop mode
100
-
µs
At Clock mode
Reset input removal
width
1
-
µs
*: The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90%. For crystal
oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is between several
hundred µs and several ms, and for an external clock, the time is 0 ms.
RSTX
0.2Vcc
0.2Vcc
tRSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com