Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP411C Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP411C
Description  Single-Chip CMOS Microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP411C Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP411C Datasheet HTML 9Page - National Semiconductor (TI) COP411C Datasheet HTML 10Page - National Semiconductor (TI) COP411C Datasheet HTML 11Page - National Semiconductor (TI) COP411C Datasheet HTML 12Page - National Semiconductor (TI) COP411C Datasheet HTML 13Page - National Semiconductor (TI) COP411C Datasheet HTML 14Page - National Semiconductor (TI) COP411C Datasheet HTML 15Page - National Semiconductor (TI) COP411C Datasheet HTML 16Page - National Semiconductor (TI) COP411C Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Description of Selected
Instructions
The following information is provided to assist the user in
understanding the operation of several unique instructions
and to provide notes useful to programmers in writing
COP410C411C programs
XAS INSTRUCTION
XAS (Exchange A with SIO) exchanges the 4-bit contents of
the accumulator with the 4-bit contents of the SIO register
The contents of SIO will contain serial-inserial-out shift reg-
ister or binary counter data depending on the value of the
EN register An XAS instruction will also affect the SK out-
put (See Functional Description EN Register) If SIO is se-
lected as a shift register an XAS instruction must be per-
formed once every four instruction cycle times to effect a
continuous data stream
JID INSTRUCTION
JID (Jump Indirect) is an indirect addressing instruction
transferring program control to a new ROM location pointed
to indirectly by A and M It loads the lower eight bits of the
ROM address register PC with the contents of ROM ad-
dressed by the 9-bit word PC8 A M PC8 is not affected by
this instruction
Note
JID uses two instruction cycles if executed one if skipped
LQID INSTRUCTION
LQID (Load Q Indirect) loads the 8-bit Q register with the
contents of ROM pointed to by the 9-bit word PC8 A M
LQID can be used for table look-up or code conversion such
as BCD to 7-segment The LQID instruction ‘‘pushes’’ the
stack (PC a 1
x SA x SB) and replaces the least
significant eight bits of the PC as follows A
x PC74
RAM(B)
x PC30 leaving PC8 unchanged The ROM data
pointed to by the new address is fetched and loaded into
the Q latches Next the stack is ‘‘popped’’ (SB
x SA x
PC) restoring the saved value of the PC to continue se-
quential program execution Since LQID pushes SA
x
SB the previous contents of SB are lost
Note
LQID uses two instruction cycles if executed one if skipped
INSTRUCTION SET NOTES
a The first word of a COP410C411C program (ROM ad-
dress 0) must be a CLRA (Clear A) instruction
b Although skipped instructions are not executed one in-
struction cycle time is devoted to skipping each byte of
the skipped instruction Thus all program paths take the
same number of cycle times whether instructions are
skipped or executed (except JID and LQID)
c The ROM is organized into eight pages of 64 words
each The program counter is a 9-bit binary counter and
will count through page boundaries If a JP JSRP JID or
LQID instruction is located in the last word of a page the
instruction operates as if it were in the next page For
example A JP located in the last word of a page will
jump to a location in the next page Also a LQID or JID
located in the last word in page 3 or 7 will access data in
the next group of four pages
POWER DISSIPATION
The lowest power drain is when the clock is stopped As the
frequency increases so does current Current is also lower
at lower operating voltages Therefore to minimize power
consumption the user should run at the lowest speed and
voltage that his application will allow The user should take
care that all pins swing to full supply levels to ensure that
outputs are not loaded down and that inputs are not at
some intermediate level which may draw current Any input
with a slow rise or fall time will draw additional current A
crystal- or resonator-generated clock will draw additional
current An RC oscillator will draw even more current since
the input is a slow rising signal
If using an external squarewave oscillator the following
equation can be used to calculate the COP410C current
drain
Ic e Iq a (V c 20 c Fi) a (V c 1280 c FlDv)
where Ic e chip current drain in microamps
Iq e quiescent leakage current (from curve)
Fl e CKI frequency in megahertz
V e chip VCC in volts
Dv e divide by option selected
For example at 5V VCC and 400 kHz (divide by 4)
Ic e 10 a (5 c 20 c 04) a (5 c 1280 c 044)
Ic e 10 a 40 a 640 e 690 mA
IO OPTIONS
COP410C411C outputs have the following optional config-
urations illustrated in
Figure 7
a Standard A CMOS push-pull buffer with an N-channel
device to ground in conjunction with a P-channel device
to VCC compatible with CMOS and LSTTL
b Low Current This is the same configuration as (a) above
except that the sourcing current is much less
c Open Drain An N-channel device to ground only allow-
ing external pull-up as required by the user’s application
d Standard TRI-STATE L Output A CMOS output buffer
similar to (a) which may be disabled by program control
e Low-Current TRI-STATE L Output This is the same as
(d) above except that the sourcing current is much less
f
Open-Drain TRI-STATE L Output This has the N-chan-
nel device to ground only
The SI and RESET inputs are Hi-Z inputs (
Figure 7g )
When using either the G or L IO ports as inputs a pull-up
device is necessary This can be an external device or the
following alternative is available Select the low-current out-
put option Now by setting the output registers to a logic
‘‘1’’ level the P-channel devices will act as the pull-up load
Note that when using the L ports in this fashion the Q regis-
ters must be set to a logic ‘‘1’’ level and the L drivers
must
be enabled by an LEI instruction
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com