Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPEMI607 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPEMI607
Description  4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI607 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPEMI607 Datasheet HTML 1Page - California Micro Devices Corp CSPEMI607 Datasheet HTML 2Page - California Micro Devices Corp CSPEMI607 Datasheet HTML 3Page - California Micro Devices Corp CSPEMI607 Datasheet HTML 4Page - California Micro Devices Corp CSPEMI607 Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
California Micro Devices
430 N.McCarthy Blvd
Milpitas, CA 95035
PRELIMINARY
11/18/03
Tel: (408) 263-3214
• Fax: (408) 263-7846 • Website: www.calmicro.com
2
Figure 1. Dimensions of CSPEMI607.
Schematic Diagram
Pin Number
Pin Description
Pin Number
Pin Description
A1
ESD Channel #1
B3
GND
A2
Filter #1
C1
ESD Channel #3
A3
Filter #2
C2
Filter #1
A4
Filter #3
C3
Filter #2
A5
Filter #4
C4
Filter #3
A6
ESD Channel #2
C5
Filter #4
B1
GND
C6
ESD Channel #4
B2
GND
Specifications:
(At 25
°C unless specified otherwise)
Min.
Typ.
Max.
Unit
Resistance R1
80
100
120
Ω
Capacitance C1 at 2.5V dc; 1MHz, 30mV ac
12
15
18
pF
Stand-off Voltage, I = 10µA
5.5
V
Diode Leakage at +/-3.3V reverse bias voltage
100
nA
Signal Clamp Voltage:
Positive Clamp, 10mA
Negative Clamp, -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
In-system ESD withstand voltage*:
Human Body Model (MIL-STD-883, method 3015)
IEC 61000-4-2, contact discharge method
±30
±15
kV
kV
Clamping voltage during ESD discharge*
Positive
MIL-STD-883 (Method 3015), 8kV
Negative
12
-7
V
V
Temperature Range:
Operating
Storage
-40
-65
85
150
°C
DC Power per Resistor:
0.1
W
DC Package Power Rating:
0.5
W
* ESD applied to input / output pins with respect to GND, one at a time. Clamping voltage is
measured at the opposite side of the EMI filter to the ESD pin (i.e. if ESD is applied to pin A1
then clamping voltage is measured at pin C1). Unused pins are left open. These parameters
are guaranteed by design.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com