Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS55113 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55113
Description  Dual TRI-STATE Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55113 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS55113 Datasheet HTML 1Page - National Semiconductor (TI) DS55113 Datasheet HTML 2Page - National Semiconductor (TI) DS55113 Datasheet HTML 3Page - National Semiconductor (TI) DS55113 Datasheet HTML 4Page - National Semiconductor (TI) DS55113 Datasheet HTML 5Page - National Semiconductor (TI) DS55113 Datasheet HTML 6Page - National Semiconductor (TI) DS55113 Datasheet HTML 7Page - National Semiconductor (TI) DS55113 Datasheet HTML 8Page - National Semiconductor (TI) DS55113 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted) (Continued)
DS55113
DS75113
Symbol
Parameter
Conditions (Note 3)
Min
Typ
Max
Min
Typ
Max
Units
(Note 4)
(Note 4)
IOS
Short-Circuit Output
VCC e Max VO e 0V
b
40
b
90
b
120 b40
b
90
b
120
mA
Current (Note 5)
ICC
Supply Current
All Inputs at 0V No Load
VCC e Max
47
65
47
65
mA
(Both Drivers)
TA e 25 C
VCC e 7V
65
85
65
85
Note 1
All voltage values are with respect to network ground terminal
Note 2
For operation above 25 C free-air temperature refer to Dissipation Derating Curves in the Thermal information section
Note 3
All parameters with the exception of OFF-state open-collector output current are measured with the active pull-up connected to the sink output
Note 4
All typical values are at TA e 25 C and VCC e 5V with the exception of ICC at 7V
Note 5
Only one output should be shorted at a time and duration of the short-circuit should not exceed one second
Switching Characteristics VCC e 5V CL e 30 pF TA e 25 C
Symbol
Parameter
Conditions
DS55113
DS75113
Unit
Min
Typ
Max
Min
Typ
Max
tPLH
Propagation Delay Time Low-to
(Figure 1)
13
20
13
30
ns
High-Level Output
tPHL
Propagation Delay Time High-to
12
20
12
30
ns
Low-Level Output
tPZH
Output Enable Time to High Level
RL e 180X (Figure 2)
7
15
7
20
ns
tPZL
Output Enable Time to Low Level
RL e 250X (Figure 3)
14
30
14
40
ns
tPHZ
Output Disable Time from High
RL e 180X (Figure 2)
10
20
10
30
ns
Level
tPLZ
Output Disable Time from Low
RL e 250X (Figure 3)
17
35
17
35
ns
Level
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com