Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-T680QSWT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-T680QSWT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680QSWT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-T680QSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680QSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/11
Part No. : LTST-T680QSWT
BNS-OD-FC002/A4
SMD LED
LTST-T680QSWT
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use in a wide variety of electronic equipment, including cordless
and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
.
1.1 Features
Meet ROHS
Package in 8mm tape on 7" diameter reels
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
Preconditioning: accelerate to JEDEC level 3
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Status indicator
Signal and Symbol Luminary
Front panel backlighting
2. Package Dimensions
Part No.
Lens Color
Source Color
LTST-T680QSWT
Diffused
AlInGaP Yellow
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.2 mm (.008") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com