Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJBPMC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB91F525LJBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJBPMC Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB91F525LJBPMC Datasheet HTML 1Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 2Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F525LJBPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 3 of 280
MB91520 Series
 Power-on reset
 Low-voltage detection reset (independently monitor the
external power supply and the internal power supply)
The external power supply can select initial value
ON/OFF by the part number.
 Device Package : 176/144/120/100/80/64
 CMOS 90 nm Technology
 Power supplies
5 V Power supply
The internal 1.2 V is generated from 5 V with the
voltage step-down circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com