Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250CSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2250CSZ
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2250CSZ Datasheet HTML 5Page - Intersil Corporation EL2250CSZ Datasheet HTML 6Page - Intersil Corporation EL2250CSZ Datasheet HTML 7Page - Intersil Corporation EL2250CSZ Datasheet HTML 8Page - Intersil Corporation EL2250CSZ Datasheet HTML 9Page - Intersil Corporation EL2250CSZ Datasheet HTML 10Page - Intersil Corporation EL2250CSZ Datasheet HTML 11Page - Intersil Corporation EL2250CSZ Datasheet HTML 12Page - Intersil Corporation EL2250CSZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7061.2
June 7, 2005
Typical Performance Curves (Continued)
Supply Current vs Supply Voltage
(per amplifier)
Supply Current vs Die
Temperature (per amplifier)
Input Resistance vs Die
Temperature
Offset Voltage vs Die Temperature
(4 Samples)
Input Bias Current vs Input
Voltage
Input Offset Current and Input Bias
Current vs Die Temperature
Positive Output Voltage Swing vs
Die Temperature, RL = 150Ω to
GND
Negative Output Voltage Swing vs
Die Temperature, RL = 150Ω to
GND
Channel to Channel Isolation vs
Frequency
Package Power Dissipation vs Ambient Temp.
SEMI G42-88 Single Layer Test Board
Ambient Temperature (°C)
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
025
50
75
100
125
150
85
1.54W
1.25W
PD
IP
14
θ
JA =
81
°C
/W
PD
IP8
θ
JA =
100
°C
/W
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
Ambient Temperature (°C)
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
1.042W
781W
SO
14 θ
JA =
12
0°C
/W
SO
8 θ
JA =1
60°
C/W
EL2250, EL2450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com