Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC548C
Description  General Purpose NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC548C Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC548C Datasheet HTML 1Page - Diotec Semiconductor BC548C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC546 ... BC549
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
VCE =
5 V
IC = 10 µA
Group A
Group B
Group C
hFE
–
–
–
90
150
270
–
–
–
IC = 2 mA
Group A
Group B
Group C
hFE
110
200
420
–
–
–
220
450
800
IC = 100 mA
Group A
Group B
Group C
hFE
–
–
–
120
200
400
–
–
–
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
VCE =
80 V
50 V
30 V
B-E short
BC546
BC547
BC548 / BC549
ICES
–
0.2 nA
15 nA
VCE =
80 V
50 V
30 V
B-E short
Tj = 125°C
BC546
BC547
BC548 / BC549
ICES
–
–
4 µA
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 1)
IC = 10 mA
IB = 0.5 mA
IC = 100 mA
IB = 5 mA
VCEsat
–
–
80 mV
200 mV
250 mV
600 mV
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 1)
IC = 10 mA
IB = 0.5 mA
IC = 100 mA
IB = 5 mA
VBEsat
–
–
700 mV
900 mV
–
–
Base-Emitter-voltage – Basis-Emitter-Spannung 1)
VCE = 5 V
IC = 2 mA
VCE = 5 V
IC = 10 mA
VBE
580 mV
–
660 mV
–
700 mV
770 mV
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
–
300 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
–
3.5 pF
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
9 pF
–
Noise figure – Rauschzahl
VCE = 5 V, IC = 200 µA, RG = 2 kΩ
f = 1 kHz, Δf = 200 Hz
F
–
–
2 dB
1.2 dB
10 dB
4 dB
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 200 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com