Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

704FS Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 704FS
Description  Agilent TwisTorr 704 FS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

704FS Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  704FS Datasheet HTML 1Page - Agilent(Hewlett-Packard) 704FS Datasheet HTML 2Page - Agilent(Hewlett-Packard) 704FS Datasheet HTML 3Page - Agilent(Hewlett-Packard) 704FS Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
The new generation Turbo Pump
with Agilent Floating Suspension
The Agilent TwisTorr 704 FS turbomolecular high-vacuum pump combines TwisTorr
drag stage technology and Agilent Floating Suspension to provide high performance,
reliability, and economy.
TwisTorr drag stages create high compression ratios for light gases such as
hydrogen and helium to deliver high throughput and high tolerance of foreline
pressure, thereby permitting the use of smaller and more economical backing
pumps. This technology results in a compact rotor design that is energy-efficient
and maintains a low operating temperature.
The Agilent Floating Suspension system reduces noise and vibration, and ensures
optimal bearing operating conditions to extend operating life, minimize system
downtime, and assure stability over time.
The unique bearing and dry lubrication in the TwisTorr 704 FS eliminate oil and
maintenance, and permit operation of the pump in any orientation. Available with
onboard or rack controllers.
Agilent TwisTorr 704 FS


Similar Part No. - 704FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
704 ETC2-704 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Greenlee Communications
704 GREENLEE-704 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
American Beauty Tools
704 AMERICANBEAUTY-704 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
logo
Keystone Electronics Co...
704 KEYSTONE-704 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
Qualtek Electronics Cor...
704-00-00 QUALTEK-704-00-00 Datasheet
302Kb / 1P
REWIRABLE PLUG ASSEMBLY
More results

Similar Description - 704FS

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1360A TAI-SAW-TA1360A Datasheet
439Kb / 6P
SAW Filter 704 MHz
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
MIL-STD-704 compliant
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
Agilent MULTI Meter
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
Agilent E1421B
logo
Agilent(Hewlett-Packard...
34401A HP-34401A Datasheet
167Kb / 4P
Agilent 34401A Multimeter
84FS HP-84FS Datasheet
680Kb / 3P
Agilent TwisTorr 84 FS
304FS HP-304FS Datasheet
1Mb / 4P
Agilent TwisTorr 304 FS
804FS HP-804FS Datasheet
1Mb / 4P
Agilent TwisTorr 804 FS
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
TwisTorr Medium-TMP Rack Controller
X3512-64016 HP-X3512-64016 Datasheet
272Kb / 2P
TwisTorr Medium-TMP Onboard Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com