Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804FS Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 804FS
Description  Agilent TwisTorr 804 FS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

804FS Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  804FS Datasheet HTML 1Page - Agilent(Hewlett-Packard) 804FS Datasheet HTML 2Page - Agilent(Hewlett-Packard) 804FS Datasheet HTML 3Page - Agilent(Hewlett-Packard) 804FS Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Ordering Information
Pumps
Configuration Options
TwisTorr 804 FS ISO200K KF25 air cooling
X3511-64007
TwisTorr 804 FS ISO200K KF40 air cooling
X3511-64008
TwisTorr 804 FS ISO200F KF25 air cooling
X3511-64009
TwisTorr 804 FS ISO200F KF40 air cooling
X3511-64010
TwisTorr 804 FS CFF10" KF25 air cooling
X3511-64011
TwisTorr 804 FS CFF10" KF40 air cooling
X3511-64012
TwisTorr 804 FS ISO250K KF40 air cooling
X3511-64013
TwisTorr 804 FS ISO250F KF40 air cooling
X3511-64014
TwisTorr 804 FS ISO200K KF25 water cooling
X3511-64022
TwisTorr 804 FS ISO200K KF40 water cooling
X3511-64023
TwisTorr 804 FS ISO200F KF25 water cooling
X3511-64024
TwisTorr 804 FS ISO200F KF40 water cooling
X3511-64025
TwisTorr 804 FS CFF10" KF25 water cooling
X3511-64026
TwisTorr 804 FS CFF10" KF40 water cooling
X3511-64027
TwisTorr 804 FS ISO250K KF40 water cooling
X3511-64028
TwisTorr 804 FS ISO250F KF40 water cooling
X3511-64029
Controllers
Part Numbers
TwisTorr Medium-TMP Rack Controller
X3501-64016
TwisTorr Medium-TMP on board Controller
X3512-64016
Cables
Part Numbers
Mains cable NEMA plug 3 m long
9699958
Mains cable EU plug 3 m long
9699957
Mains cable UK plug 2.5 m long
X3501-68005
Serial Cable & T-plus Software
9699883
Medium-TMP Extension Cable
9699948M001 (
5 m)
9699948M003 (
10 m)
9699948M004 (
15 m)
9699948M002 (
20 m)
9699948M005 (
30 m)
9699948M006 (
50 m)
9699948M009 (
75 m)
9699948M010 (
100 m)
Inlet Screen
Part Numbers
Inlet Screen ISO100/CFF6
9699302
Cooling
Part Numbers
Medium-TMP Air Cooling Kit for Rack Controller
X3501-68001
Medium-TMP Air Cooling Kit for on board Controller
9699297
Plastic Water cooling Kit
9699347
Metal Water cooling Kit
9699337
Air Cooling Kit Extension Cable 5m
X3501-68101
Air Cooling Kit Extension Cable 10m
X3501-68051
Air Cooling Kit Extension Cable 15m
X3501-68061
Air Cooling Kit Extension Cable 20m
X3501-68021
Air Cooling Kit Extension Cable 30m
X3501-68011
Air Cooling Kit Extension Cable 50m
X3501-68071
Air Cooling Kit Extension Cable 75m
X3501-68081
Air Cooling Kit Extension Cable 100m
X3501-68091
Venting
Part Numbers
Vent valve driven by Rack Controller
X3501-68002
Vent valve driven by onboard Controller
9699834
Vent flange, NW 10 KF / M8
9699108
Spare Vent Screw
X3511-68000
Vent valve Rack Extension Cable
X3501-68004 (5 m)
X3501-68054 (10 m)
X3501-68064 (15 m)
X3501-68074 (20 m)
X3501-68084 (30 m)
X3501-68034 (50 m)
X3501-68094 (75 m)
X3501-68104 (100 m)
Purge
Part Numbers
Purge 10SCCM M12-NW16KF
9699239
Purge 10SCCM M12-1/4Swagelok
9699240
Purge 20SCCM M12-NW16KF
9699241
Purge 20SCCM M12-1/4Swagelok
9699242
Spare Purge Screw
X3502-68004
Mounting
Part Numbers
Medium-TMP onboard Controller side-mounting
bracket
X3511-68003
Medium-TMP KF25 foreline flange
X3511-68001
Medium-TMP KF40 foreline flange
X3511-68002
Active Gauges
Part Numbers
FRG 700 Full Range Gauge
PVG 500 Pirani Vacuum Gauge
PCG 750 Pirani Capacitance Gauge
CDG-500 Capacitance Diaphragm Gauge
Ask Agilent for details
Pumping Speed
Compression Ratio
Inlet Pressure (mbar)
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
0
100
200
300
400
500
600
700
800
Hydrogen
Helium
Nitrogen
Argon
Hydrogen
Helium
Nitrogen
Argon
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
0
100
200
300
400
500
600
700
10-3
10-2
10-1
100
101
102
102
104
106
108
1010
1012
1014
Hydrogen
Helium
Nitrogen
Argon
Foreline Pressure (mbar)
Hydrogen
Helium
Nitrogen
Argon
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
0
100
200
300
400
500
600
700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com