Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F522DKBPMC Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # MB91F522DKBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522DKBPMC Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button MB91F522DKBPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 45Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 46Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 47Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 44 of 280
MB91520 Series
6.
Handling Devices
This section explains the latch-up prevention and pin processing.
 For latch-up prevention
If a voltage higher than VCC or a voltage lower than VSS is applied to an I/O pin, or if a voltage exceeding the ratings is applied
between VCC and VSS pins, a latch-up may occur in CMOS IC. If the latch-up occurs, the power supply current increases
excessively and device elements may be damaged by heat. Take care to prevent any voltage from exceeding the maximum
ratings in device application.
Also, the analog power supply (AVCC, AVRH) and analog input must not be exceed the digital power supply (VCC) when the
power supply to the analog system is turned on or off.
In the correct power-on sequence of the microcontroller, turn on the digital power supply (VCC) and analog power supplies
(AVCC, AVRH) simultaneously. Or, turn on the digital power supply (VCC), and then turn on analog power supplies (AVCC,
AVRH).
 Treatment of unused pins
If unused input pins are left open, they may cause a permanent damage to the device due to malfunction or latch-up. Connect at
least a 2
kΩ resistor to each of the unused pins for pull-up or pull-down processing.
Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the input state and treated
in the same way as for the input pins.
 Power supply pins
The device is designed to ensure that if the device contains multiple VCC or VSS pins, the pins that should be at the same
potential are interconnected to prevent latch-up or other malfunctions. Further, connect these pins to an external power supply
or ground to reduce unwanted radiation, prevent strobe signals from malfunctioning due to a raised ground level, and fulfill the
total output current standard, etc. As shown in figure 1, all Vss power supply pins must be treated in the similar way. If multiple
Vcc or Vss systems are connected, the device cannot operate correctly even within the guaranteed operating range.
Figure 1 Power Supply Input Pins
The power supply pins should be connected to VCC and VSS pins of this device at the low impedance from the power supply
source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin is recommended
to use as a bypass capacitor between VCC and VSS pins.
Vss
Vss
Vcc
Vcc
Vss
Vcc
Vcc
Vss
Vss
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com