Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # D5000
Description  Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

D5000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  D5000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) D5000 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Agilent Technologies, Inc., 2015, 2017
Published in USA, June 1, 2017
Publication Number 5991-5211EN
DNA analysis during the NGS
workflow
The Agilent 4200 TapeStation system
and the DNA ScreenTape assays can be
used at several steps of the Next gener-
ation Sequencing (NGS) workflow such
as shearing of genomic DNA and library
amplification to ensure DNA library and
sample quality. The figure shows the
analysis of sheared genomic DNA for an
NGS library preparation workflow with
the D5000 ScreenTape assay.
Agilent D5000 ScreenTape applications
Learn more
www.agilent.com/genomics/tapestation
Buy online
www.agilent.com/chem/store
Find an Agilent customer center
www.agilent.com/chem/contactus
For Research Use Only.
Not for use in diagnostic procedures.
This information is subject to change without
notice.
1
Signal/noise ratio > 3 for a single peak
2
Determined using D5000/High Sensitivity D5000 ladder as sample
3
Measured against 2200 TapeStation system
Analytical
Specifications
Agilent
D5000 ScreenTape Assay
Agilent High Sensitivity
D5000 ScreenTape Assay
Sizing range
100 bp – 5,000 bp
100 bp – 5,000 bp
Typical resolution
400 – 5,000 bp: 15%
400 – 5,000 bp: 15%
Sensitivity 1
0.1 ng/µL
5 pg/µL
Sizing precision 2
5% CV
10% CV
Sizing accuracy 2
± 10%
± 15%
Quantitative precision
0.1 – 1 ng/µL: 15% CV
1 – 50 ng/µL: 10% CV
15% CV
Quantitative accuracy 3
± 20%
± 25%
Quantitative range
0.1 – 50 ng/µL
10 – 1,000 pg/µL
Maximum sample buffer
strength
250 mM KCl
250 mM Tris-HCl
125 mM NaCl
50 mM Acetate
25 mM MgCl
2
25 mM BSA
25 mM Guanidine-HCl
25 mM KCl
25 mM Tris-HCl
12.5 mM NaCl
5 mM Acetate
2.5 mM MgCl
2
2.5 mM BSA
2.5 mM Guanidine-HCl
Physical
Specifications
Agilent
D5000 ScreenTape Assay
Agilent High Sensitivity
D5000 ScreenTape Assay
Analysis time
15 samples < 25 minutes
96 samples < 135 minutes
15 samples < 20 minutes
96 samples < 120 minutes
Samples per consumable
15
15
Sample volume required
1 µL
2 µL
Kit stability
4 months
4 months
Kit size
105 samples
105 samples



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com