Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968EMLSAP1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 968EMLSAP1
Description  Development Kit for M2.COM LoRa IoT Node WISE-1510
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968EMLSAP1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  968EMLSAP1 Datasheet HTML 1Page - Advantech Co., Ltd. 968EMLSAP1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
WISE-DK1510
Starter Kit
Development Kit for M2.COM LoRa IoT
Node WISE-1510
ƒ Development kit for WISE-1510
ƒ ARM Cortex-M4 processor
ƒ RAM 64 KB memory / 256 KB Flash
ƒ Compatible to support public LoRaWAN or LoRa private networks
ƒ Support 1 UART, 1 I2C , 1 SPI, 8 GPIO, 1 PWM, 4 ADC, 1 USB
ƒ 22 x 30 mm M.2 key E
ƒ Build-in temperature and humidity sensor
ƒ Cable & antenna included
ƒ WISE-PaaS/RMM cloud solution ready
ƒ SDK for development
Specifications
Processor System
CPU/MCU
STM ARM Cortex-M4 Processor
RAM
64KB
Flash
256KB
Form Factor
WISE-1510 Starter Kit
Wireless Network
Standard
LoRaWAN / LoRa Private Network (WISE-Link)
Frequency Band
863-870MHz for Europe (LoRaWAN / LoRa Private Network w/ WISE-3610)
902-928MHz for North America (LoRaWAN / LoRa Private Network w/ WISE-3610)
920-928MHz for Japan (LoRa Private Network w/ WISE-3610)
Channels
Spreading Factor: 7 ~ 12
Topology
Star network
Transmit Power
Up to +18dBm
Receiver Sensitivity
Up to -136dBm at SF = 12 / 125KHz
RF Data Rate
50 kbps at FSK mode for Europe
21.9 kbps at SF7 mode for North America
5.47 kbps at SF7 mode for Japan
Function
End node
Antenna connector
MHF4 connector
Ethernet
-
Cellular
-
GPS
-
Programing Port
-
Debug Port
1 develop and debug with WISE-ED20
Watchdog Timer
-
Indicator and Button
LED
2, Power LED, CB_PWR_ON LED
Button
2, Reset, Wake Up
Serial Port
-
Switch
2, Re-configuration, RF disable
I/O
UART
1 RS-232/422/485 (by JUMPER setting)
SPI
1
ADC
4
PWM
1
GPIO
8
USB
1 USB micro Type B (device only)
I2C
1 (with 1 to 4 port switch)
Sensor
1 Humidity/Temperature sensor
Expansion
SIM Socket
-
Mini PCIe Socket
-
Power
Power Supply Voltage
5V
Power Consumption
-
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 9-Jun-2017


Similar Part No. - 968EMLSAP1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
968EMLSAP1 ADVANTECH-968EMLSAP1 Datasheet
447Kb / 2P
Development Kit for Low Power Wi-Fi M2.COM Module WISE-1520
More results

Similar Description - 968EMLSAP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM2153 STMICROELECTRONICS-UM2153 Datasheet
1Mb / 57P
Discovery kit for IoT node, multi-channel communicationwith STM32L4
28-Jun-2017
logo
Advantech Co., Ltd.
WISE-DK1520 ADVANTECH-WISE-DK1520 Datasheet
447Kb / 2P
Development Kit for Low Power Wi-Fi M2.COM Module WISE-1520
WISE-DB1500 ADVANTECH-WISE-DB1500 Datasheet
484Kb / 2P
Development Board for M2.COM Module
WISE-1570 ADVANTECH-WISE-1570 Datasheet
341Kb / 2P
M2.COM NB-IoT Sensor Node
WISE-1540 ADVANTECH-WISE-1540 Datasheet
364Kb / 2P
M2.COM Mesh Network IoT Node
WISE-1530 ADVANTECH-WISE-1530 Datasheet
364Kb / 2P
M2.COM Wi-Fi / BLE IoT Node
WISE-1520 ADVANTECH-WISE-1520 Datasheet
382Kb / 2P
M2.COM Low Power Wi-Fi IoT Node
WISE-1510 ADVANTECH-WISE-1510 Datasheet
355Kb / 2P
M2.COM LoRa IoT Node
logo
STMicroelectronics
B-L475E-IOT01A STMICROELECTRONICS-B-L475E-IOT01A Datasheet
279Kb / 4P
Discovery kit for IoT node, multi-channel communication with STM32L4
July 2018
logo
List of Unclassifed Man...
103030395 ETC-103030395 Datasheet
484Kb / 7P
Kudelski IoT keySTREAM PicoSE Development Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com