Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 180 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 180 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 176Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 177Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 178Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 179Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 180Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 181Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 182Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 183Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 184Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 180 of 280
MB91520 Series
(9) Low voltage detection (Internal low-voltage detection)
(TA: -40 °C to +125 °C, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
voltage range
VRDP5
-
-
0.6
-
1.4
V
Detection
voltage*2
VRDL
*1
0.8
0.9
1.0
V
When
power-supply
voltage falls
Hysteresis width
VRHYS
-
-
0.1
-
V
When
power-supply
voltage rises
Low voltage
detection time
-
-
-
-
30
µs
*1: If the fluctuation of the power supply is faster than the low voltage detection time, there is a possibility to generate or release
after the power supply voltage has exceeded the detection voltage range.
*2: The detection voltage of the internal low voltage detection is 0.9 V ± 0.1 V.
This LVD cannot be used to reliably generate a reset before voltage dips below minimum guaranteed MCU operation voltage,
as this detection level is below the minimum guaranteed MCU operation voltage.
Below the minimum guaranteed MCU operation voltage, MCU operations are not guaranteed with the exception of LVD.
(10) External bus I/F (synchronous mode) timing
(TA: -40 °C to +105 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
(external load capacitance 50 pF)
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
-
ns
VCC = 5.0 V ± 10 %*1
31.25
VCC = 3.3 V ± 0.3 V
ASX delay time
tCHASL,
tCHASH
SYSCLK
ASX
0.5
18
ns
CS0X to CS3X
delay time
tCHCSL,
tCHCSH
SYSCLK
CS0X to
CS3X
0.5
18
ns
A00 to A21
delay time
tCHAV,
tCHAX
SYSCLK
A00 to A21
0.5
18
ns
RDX delay
time
tCHRL,
tCHRH
SYSCLK
RDX
0.5
18
ns
RDX
minimum pulse
tRLRH
RDX
tCYC×
2 - 20
-
ns
RWT = 1, set RWT to 1 or more.*2
Data setup
→
RDX↑time
tDSRH
RDX
D16 to D31
18+tCYC
-
ns
Same as above
RDX↑→
data hold
tRHDH
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com