Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 181 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 181 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 177Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 178Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 179Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 180Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 181Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 182Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 183Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 184Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 185Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 181 of 280
MB91520 Series
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Max
WRnX delay
time
tCHWL,
tCHWH
SYSCLK
WR0X,
WR1X
0.5
18
ns
WRnX
minimum pulse
tWLWH
WR0X,
WR1X
tCYC - 10
-
ns
WWT = 0 *2
SYSCLK↑→
data output
time
tCHDV
SYSCLK
D16 to D31
0.5
18
ns
SYSCLK↑→
data hold time
tCHDX
-
18
ns
Set WRCS to 1 or more.
SYSCLK↑→
address output
time
tCHMAV
SYSCLK
D16 to D31
0.5
18
ns
SYSCLK↑→
address hold
time
tCHMAX
-
18
ns
In multiplex mode, set as follows:
Set CSWR and CSRD to 2 or
more.
ASCY must satisfy the following
conditions because of setting
ADCY > ASCY and protocol
violation prevention.
ADCY +1
≤ ACS + CSRD
ADCY +1
≤ ACS + CSWR
ASCY + 1
≤ ACS + CSRD
ASCY + 1
≤ ACS + CSWR
See Hardware Manual for details.
*1: Please use it with external load capacity 12 pF or less for VCC = 3.3 V ± 0.3 V (40 MHz operation).
*2: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded cycles) to the rated
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com