Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 187 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 187 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 183Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 184Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 185Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 186Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 191Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 187 of 280
MB91520 Series
(12) External bus I/F (ready) Timing
(TA: -40 °C to +105 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
(external load capacitance 50 pF)
Parameter
Symbol
Pin
Name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
50
-
ns
If using RDY, set SYSCLK
to 20 MHz or less.
RDY setup time
→
SYSCLK↑
tRDYS
SYSCLK,
RDY
28
-
ns
SYSCLK↑→
RDY hold time
tRDYH
SYSCLK,
RDY
0
-
ns
External bus I/F (ready) Timing
t3
t4
t5
SYSCLK
ASX
CS0X~CS3X
RDX
RDY
tRDYS
tRDYH
t6
RWT=2
CSRD=2
ASCY=0
ACS=0
RDCS=0
t1
t2
tCYC
Auto wait cycle
Added cycle by RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com