Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525LJCPMC Datasheet(PDF) 188 Page - Cypress Semiconductor

Part # MB91F525LJCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LJCPMC Datasheet(HTML) 188 Page - Cypress Semiconductor

Back Button MB91F525LJCPMC Datasheet HTML 184Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 185Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 186Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 191Page - Cypress Semiconductor MB91F525LJCPMC Datasheet HTML 192Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 188 of 280
MB91520 Series
A/D Converter
(1) 12-bit A/D Converter Electrical Characteristics
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Total error
-
-
-
-
±12
LSB
Linearity error
-
-
-
-
± 4.0
LSB
Differential linearity
error
-
-
-
-
± 1.9
LSB
Zero transition voltage
VOT
AN0 to AN47
AVRL-
11.5LSB
-
AVRL+
12.5LSB
V
1LSB =
(VFST-VOT)/
4094
Full-scale transition
voltage
VFST
AN0 to AN47
AVRH-
13.5LSB
-
AVRH+
10.5LSB
V
Sampling time
tSMP
-
0.7
-
-
µs
*1
Compare time
tCMP
-
0.7
-
-
µs
*1
A/D conversion time
tCNV
-
1.4
-
-
µs
*1
Analog port input
current
IAIN
AN0 to AN47
-1.0
-
+1.0
µA
VAVSS
≤
VAIN
≤ VAVCC
Analog input voltage
VAIN
AN0 to AN47
AVRL
-
AVRH
V
Reference voltage
AVRH
AVRH
3.0
-
5.5
V
AVRL
AVSS/
AVRL
-
0.0
-
V
Power supply current
IA
AVCC*3
-
0.47
0.63
mA
Per unit
TA: +105 °C
-
0.47
0.7
mA
Per unit
TA: +125 °C
IAH
-
-
2.5
µA
*2
IR
AVRH
-
1
1.96
mA
Per unit
IRH
-
-
1.6
µA
*2
Variation between
channels
-
AN0 to AN47
-
-
4
LSB
*1: Time for each channel.
*2: Power supply current (VCC = AVCC = 5.0 V) is specified if A/D converter is not operating and CPU is stopped.
*3: The power supply current described only current value on A/D converter.
The total AVcc current value must be calculated the power supply current for A/D converter and D/A converter.
(Note) Please use the clock of 0.5 MHz-20 MHz for the output clock of A/D converter to guarantee accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com